Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4S641633H-RBE Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4S641633H-RBE
Description  1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S641633H-RBE Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4S641633H-RBE Datasheet HTML 4Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 5Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 6Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 7Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 8Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 9Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 10Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 11Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
K4S641633H - R(B)E/N/G/C/L/F
February 2004
Mobile-SDRAM
1. In order to save power consumption, Mobile SDRAM has PASR option.
2. Mobile SDRAM supports 3 kinds of PASR in self refresh mode : Full Array, 1/2 of Full Array and 1/4 of Full Array.
BA1=0
Partial Self Refresh Area
1. Apply power and attempt to maintain CKE at a high state and all other inputs may be undefined.
- Apply VDD before or at the same time as VDDQ.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200us.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
6. Issue a extended mode register set command to define DS or PASR operating type of the device after normal MRS.
EMRS cycle is not mandatory and the EMRS command needs to be issued only when DS or PASR is used.
The default state without EMRS command issued is full driver strength and full array refreshed.
The device is now ready for the operation selected by EMRS.
For operating with DS or PASR , set DS or PASR mode in EMRS setting stage.
In order to adjust another mode in the state of DS or PASR mode, additional EMRS set is required but power up sequence is not
needed again at this time. In that case, all banks have to be in idle state prior to adjusting EMRS set.
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=1
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
Partial Array Self Refresh
B. POWER UP SEQUENCE
Internal Temperature Compensated Self Refresh (TCSR)
1. In order to save power consumption, Mobile-DRAM includes the internal temperature sensor and control units to control the self
refresh cycle automatically according to the two temperature range : Max 40
°C and Max 85 °C(for Extended), Max 70 °C(for
Commercial).
2. If the EMRS for external TCSR is issued by the controller, this EMRS code for TCSR is ignored.
Temperature Range
Self Refresh Current (Icc6)
Unit
- E/C
- N/L
- G/F
Full Array
1/2 of Full Array
1/4 of Full Array
Max 85/70
°C
600
350
350
290
270
uA
Max 40
°C
235
210
195
- Full Array
- 1/2 Array
- 1/4 Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com