Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4S641633H-RBE Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4S641633H-RBE
Description  1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S641633H-RBE Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4S641633H-RBE Datasheet HTML 4Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 5Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 6Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 7Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 8Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 9Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 10Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 11Page - Samsung semiconductor K4S641633H-RBE Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
K4S641633H - R(B)E/N/G/C/L/F
February 2004
Mobile-SDRAM
Register Programmed with Extended MRS
Address
BA1
BA0
A11 ~ A10/AP
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
Mode Select
RFU*1
DS
RFU*1
PASR
Normal MRS Mode
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT=0
BT=1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
Reserved
0
0
1
1
1
Interleave
0
0
1
2
2
1
0
Reserved
0
1
0
2
Mode Select
0
1
0
4
4
1
1
Reserved
0
1
1
3
BA1 BA0
Mode
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
0
0
Setting
for Nor-
mal MRS
1
0
0
Reserved
Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved
Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
Full Page
Reserved
Full Page Length x16 : 64Mb(256)
Register Programmed with Normal MRS
Address
BA0 ~ BA1
A11 ~ A10/AP
A9*2
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
"0" Setting for
Normal MRS
RFU*1
W.B.L
Test Mode
CAS Latency
BT
Burst Length
A. MODE REGISTER FIELD TABLE TO PROGRAM MODES
NOTES:
1.RFU(Reserved for future use) should stay "0" during MRS cycle.
2.If A9 is high during MRS cycle, "Burst Read Single Bit Write" function will be enabled.
Mode Select
Driver Strength
PASR
BA1
BA0
Mode
A6
A5
Driver Strength
A2
A1
A0
Size of Refreshed Array
0
0
Normal MRS
0
0
Full
0
0
0
Full Array
0
1
Reserved
0
1
1/2
0
0
1
1/2 of Full Array
1
0
EMRS for Mobile SDRAM
1
0
Reserved
0
1
0
1/4 of Full Array
1
1
Reserved
1
1
Reserved
0
1
1
Reserved
Reserved Address
1
0
0
Reserved
A11~A10/AP
A9
A8
A7
A4
A3
1
0
1
Reserved
0
0
0
0
0
0
1
1
0
Reserved
1
1
1
Reserved
EMRS for PASR(Partial Array Self Ref.) & DS(Driver Strength)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com