Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3301 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3301
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3301 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3301 Datasheet HTML 2Page - Diodes Incorporated AP3301 Datasheet HTML 3Page - Diodes Incorporated AP3301 Datasheet HTML 4Page - Diodes Incorporated AP3301 Datasheet HTML 5Page - Diodes Incorporated AP3301 Datasheet HTML 6Page - Diodes Incorporated AP3301 Datasheet HTML 7Page - Diodes Incorporated AP3301 Datasheet HTML 8Page - Diodes Incorporated AP3301 Datasheet HTML 9Page - Diodes Incorporated AP3301 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AP3301
Document number: DS38018 Rev. 4 - 2
6 of 16
www.diodes.com
June 2016
© Diodes Incorporated
AP3301
Electrical Characteristics (Cont.) (@T
A =-40 to +85°
C, VCC =18V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Output Section (GATE Pin)
VGATE-L
Output Low Level
IO=20mA, VCC=12V
–
–
1
V
VGATE-H
Output High Level
IO=20mA, VCC=12V
8
–
–
V
VGATE-CLP
Output Clamping Voltage
–
11
13
15
V
tGATE-RISE
Rising Time (Note 6)
CL=1nF, VCC=13V
–
140
200
ns
tGATE-FALL
Falling Time (Note 6)
CL=1nF, VCC=13V
–
50
100
ns
Demagnetization Section (DEM Pin)
VTH-DEM
De-Magnetization Voltage
–
–
75
–
mV
IBNI
Brown In Reference
–
80
85
90
μA
IBNO
Brown Out Reference
–
72
79
84
μA
VTH-SOVP
SOVP Threshold
–
3.5
3.8
4.1
V
tSAMPLE
Sample Delay Time (Note 6)
–
–
2.5
–
µs
Delay Time Section
tDELAY-BNO
Brown Out Debounce Time
–
42
–
64
ms
tDELAY-LATCH
Delay of Lacth Protection
(Note 6)
SOVP, VCC OVP
–
6
–
Cycles
Internal OTP Section
OTP
OTP Enter (Note 6)
–
–
+150
–
°C
THYS
OTP Exit (Note 6)
–
–
+125
–
°C
Notes:
5. Data measured in IC test mode.
6. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com