Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3301 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3301
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3301 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3301 Datasheet HTML 7Page - Diodes Incorporated AP3301 Datasheet HTML 8Page - Diodes Incorporated AP3301 Datasheet HTML 9Page - Diodes Incorporated AP3301 Datasheet HTML 10Page - Diodes Incorporated AP3301 Datasheet HTML 11Page - Diodes Incorporated AP3301 Datasheet HTML 12Page - Diodes Incorporated AP3301 Datasheet HTML 13Page - Diodes Incorporated AP3301 Datasheet HTML 14Page - Diodes Incorporated AP3301 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AP3301
Document number: DS38018 Rev. 4 - 2
11 of 16
www.diodes.com
June 2016
© Diodes Incorporated
AP3301
Operation Description (Cont.)
Figure 2
Built-in Slope Compensation
It is well known that a continuous current mode SMPS may become unstable when the duty cycle exceeds 50%. The built-in slope compensation
can improve the stability, so there is no need for design engineer to spend much time on that.
FB Pin and Short Circuit Protection
This pin is normally connected to the opto-coupler and always paralleled with a capacitor for loop compensation. When the voltage at this pin is
greater than VFB-OLP and lasts for about tDELAY-OLP, the IC will enter the protection mode. For AP3301, the system will enter hiccup mode to wait
the VCC decreasing to low UVLO level, then the IC will try to restart until the failure removed. And when this voltage is less than 1.55V, the IC will
stop the drive pulse immediately. Therefore, this feature can be used for short circuit protection, which makes the system immune from damage.
Normally, output short makes the VFB value to the maximum because the opto-coupler is cut off.
When VCC decreases to a setting threshold, the VCC maintain comparator will output some drive signal to make the system switch and provide a
proper energy to VCC pin. The VCC maintain function will cooperate with the PWM and burst mode loop which can make the output voltage
variation be within the regulation. This mode is very useful for reducing startup resistor loss and achieving a better standby performance with a
low value VCC capacitor. The VCC is not easy to touch the shutdown threshold during the startup process and step load. This will also simplify the
system design. The minimum VCC voltage is suggested to be designed a little higher than VCC maintain threshold thus can achieve the best
balance between the standby and step load performance.
Brown-in/Brown-out
During turning-on interval of primary power MOSFET, the DEM pin is clamped to GND, the current flows through RDEM and pin DEM reflecting
the rectified value of AC line voltage as showed as Figure 3, this current multiplies with RBNO represents the sample voltage of AC line voltage,
take the peak value of the sample voltage to compare with the internal fixed threshold.
When the AC source is on, the IC will send several drive signals to confirm that the DEM pin current is higher than IBNI during primary MOSFET
turning on time, then AP3301 starts to provide drive signal, and if the current decreases below IBNO for about 50ms, AP3301 enters brown out
protection and no drive pulse output, a new startup will not begin until the sampled signal is lower than IBNI again and VCC is higher than VUVLO
threshold.
FB
SENSE
GATE
GND
DEM
6
1
3
4
AP3301
VCC
5
2
Large undershoot (more than
-0.3V) may damage the SENSE pin
R
C
Necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com