Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3301 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3301
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3301 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3301 Datasheet HTML 1Page - Diodes Incorporated AP3301 Datasheet HTML 2Page - Diodes Incorporated AP3301 Datasheet HTML 3Page - Diodes Incorporated AP3301 Datasheet HTML 4Page - Diodes Incorporated AP3301 Datasheet HTML 5Page - Diodes Incorporated AP3301 Datasheet HTML 6Page - Diodes Incorporated AP3301 Datasheet HTML 7Page - Diodes Incorporated AP3301 Datasheet HTML 8Page - Diodes Incorporated AP3301 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP3301
Document number: DS38018 Rev. 4 - 2
1 of 16
www.diodes.com
June 2016
© Diodes Incorporated
AP3301
QUASI-RESONANT PWM CONTROLLER
Description
The AP3301 is a peak-current control, Quasi-Resonant (QR) PWM
controller which is optimized for high performance, low standby power
and cost effective offline flyback converters.
At no load or light load, the IC will enter the burst mode to minimize
standby power consumption. The minimum switching frequency
(about 20kHz) is set to avoid the audible noise. At medium load, the
IC will enter valley lock QR mode with frequency foldback to improve
system efficiency and EMI performance. The maximum switching
frequency (about 120kHz) is set to clamp the QR frequency to
improve efficiency. At low line input & heavy load, when switching
frequency decreases below 62KHz with output load increasing, the IC
will enter CCM mode with fixed switching frequency of 62kHz to
optimize low line power conversion efficiency. Furthermore, the
frequency dithering function is built in to reduce EMI emission.
Internal slope compensation allows more stable peak-current mode
control over wide range of input voltage and load conditions. Internal
piecewise linear line compensation ensures constant output power
limit over entire universal line voltage range.
Comprehensive protection features are included, such as brown out
protection, cycle-by-cycle current limit (OCP), VCC Over Voltage
Protection (VOVP), Secondary-Side Output OVP (SOVP), internal
OTP, Over Load Protection (OLP) and pins’ fault protection.
Features
Very Low Start-up Current
Multi-Mode Control
Quasi-Resonant Operation with Valley Lock
Fixed Frequency CCM Operation at Low Line Heavy Load
Non-Audible-Noise Quasi-Resonant Control
Internal Slope Compensation
Soft Start During Startup Process
Frequency Fold Back for High Average Efficiency
Secondary Winding Short Protection with FOCP
Frequency dithering for Reducing EMI
VCC Maintain Mode
Useful Pin Fault Protection:
SENSE Pin Floating
FB/Opto-coupler Open/Short
Comprehensive System Protection Feature:
VCC Over Voltage Protection (VOVP)
Over Load Protection (OLP)
Brown Out Protection (BNO)
Secondary Side OVP (SOVP)
Mini Size Package of SOT26
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SOT26
Applications
Switching AC-DC Adapter/Charger
ATX/BTX Auxiliary Power
Set-Top Box (STB) Power Supply
Open Frame Switching Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
5
Pin 1 Mark
6
GND
FB
DEM
GATE
VCC
SENSE


Similar Part No. - AP3301

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
Advanced Power Electron...
AP3302H A-POWER-AP3302H Datasheet
77Kb / 4P
N-CHANNEL ENHANCEMENT MODE
AP3302J A-POWER-AP3302J Datasheet
77Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
Diodes Incorporated
AP3302K6TR-G1 DIODES-AP3302K6TR-G1 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results

Similar Description - AP3301

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
ICE2QS02G INFINEON-ICE2QS02G Datasheet
416Kb / 17P
Quasi-Resonant PWM Controller
Version 2.0, 13 June 2008
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
Active-Semi, Inc
ACT413US-T ACTIVE-SEMI-ACT413US-T Datasheet
151Kb / 3P
ActivePSRTM Quasi-Resonant PWM Controller
10-Mar-14
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com