Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2983 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2983
Description  Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2983 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2983 Datasheet HTML 1Page - National Semiconductor (TI) LP2983 Datasheet HTML 2Page - National Semiconductor (TI) LP2983 Datasheet HTML 3Page - National Semiconductor (TI) LP2983 Datasheet HTML 4Page - National Semiconductor (TI) LP2983 Datasheet HTML 5Page - National Semiconductor (TI) LP2983 Datasheet HTML 6Page - National Semiconductor (TI) LP2983 Datasheet HTML 7Page - National Semiconductor (TI) LP2983 Datasheet HTML 8Page - National Semiconductor (TI) LP2983 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output Voltage
(V)
Grade
Order Information
Package
Marking
Supplied as:
0.9
A
LP2983AIM5X-0.9
LEJA
3000 Units on Tape and Reel
0.9
A
LP2983AIM5-0.9
LEJA
1000 Units on Tape and Reel
0.9
STD
LP2983IM5X-0.9
LEJB
3000 Units on Tape and Reel
0.9
STD
LP2983IM5-0.9
LEJB
1000 Units on Tape and Reel
1.0
A
LP2983AIM5X-1.0
LENA
3000 Units on Tape and Reel
1.0
A
LP2983AIM5-1.0
LENA
1000 Units on Tape and Reel
1.0
STD
LP2983IM5X-1.0
LENB
3000 Units on Tape and Reel
1.0
STD
LP2983IM5-1.0
LENB
1000 Units on Tape and Reel
1.2
A
LP2983AIM5X-1.2
LELA
3000 Units on Tape and Reel
1.2
A
LP2983AIM5-1.2
LELA
1000 Units on Tape and Reel
1.2
STD
LP2983IM5X-1.2
LELB
3000 Units on Tape and Reel
1.2
STD
LP2983IM5-1.2
LELB
1000 Units on Tape and Reel
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com