Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2983 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2983
Description  Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2983 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP2983 Datasheet HTML 3Page - National Semiconductor (TI) LP2983 Datasheet HTML 4Page - National Semiconductor (TI) LP2983 Datasheet HTML 5Page - National Semiconductor (TI) LP2983 Datasheet HTML 6Page - National Semiconductor (TI) LP2983 Datasheet HTML 7Page - National Semiconductor (TI) LP2983 Datasheet HTML 8Page - National Semiconductor (TI) LP2983 Datasheet HTML 9Page - National Semiconductor (TI) LP2983 Datasheet HTML 10Page - National Semiconductor (TI) LP2983 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Hints
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LP2983 requires external
capacitors for regulator stability. These capacitors must be
correctly selected for good performance.
Input Capacitor
An input capacitor whose capacitance is
≥ 1 µF is required
between the LP2983 input and ground (the amount of ca-
pacitance may be increased without limit).
This capacitor must be located a distance of not more than 1
cm from the input pin and returned to a clean analog ground.
Any good quality ceramic, tantalum, or film capacitor may be
used at the input.
Important: Tantalum capacitors can suffer catastrophic fail-
ure
due
to
surge
current
when
connected
to
a
low-impedance source of power (like a battery or very large
capacitor). If a Tantalum capacitor is used at the input, it
must be guaranteed by the manufacturer to have a surge
current rating sufficient for the application.
There are no requirements for ESR on the input capacitor,
but tolerance and temperature coefficient must be consid-
ered when selecting the capacitor to ensure the capacitance
will be
≥ 1 µF over the entire operating temperature range.
Output Capacitor
The LP2983 is designed specifically to work with ceramic
output capacitors, utilizing circuitry which allows the regula-
tor to be stable across the entire range of output current with
an output capacitor whose ESR is as low as zero ohms. See
Figure 1 below.
The LP2983 requires a minimum of 2.2 µF on the output
(output capacitor size can be increased without limit).
It is important to remember that capacitor tolerance and
variation with temperature must be taken into consideration
when selecting an output capacitor so that the minimum
required amount of output capacitance is provided over the
full operating temperature range. It should be noted that
ceramic capacitors can exhibit large changes in capacitance
with temperature (see next section,
Capacitor Characteris-
tics).
The output capacitor must be located not more than 1 cm
from the output pin and returned to a clean analog ground.
CAPACITOR CHARACTERISTICS
The LP2983 was designed to work with ceramic capacitors
on the output to take advantage of the benefits they offer: for
capacitance values in the 2.2 µF to 4.7 µF range, ceramics
are the least expensive and also have the lowest ESR
values
(which
makes
them
best
for
eliminating
high-frequency noise).
One disadvantage of ceramic capacitors is that their capaci-
tance can vary with temperature. Most large value ceramic
capacitors (
≥ 2.2 µF) are manufactured with the Z5U or Y5V
temperature characteristic, which results in the capacitance
dropping by more than 50% as the temperature goes from
25˚C to 85˚C.
This could cause problems if a 2.2 µF capacitor were used
on the output since it will drop down to approximately 1 µF at
high ambient temperatures (which could cause the LP2983
to oscillate). If Z5U or Y5V capacitors are used on the output,
a minimum capacitance value of 4.7 µF must be observed.
A better choice for temperature coefficient in ceramic capaci-
tors is X7R, which holds the capacitance within ±15%. Un-
fortunately, the larger values of capacitance are not offered
by all manufacturers in the X7R dielectric.
ON/OFF INPUT OPERATION
The LP2983 is shut off by driving the ON/OFF input low, and
turned on by pulling it high. If this feature is not to be used,
the ON/OFF input should be tied to V
IN to keep the regulator
output on at all times.
To assure proper operation, the signal source used to drive
the ON/OFF input must be able to swing above and below
the specified turn-on/turn-off voltage thresholds listed in the
Electrical Characteristics section under V
ON/OFF. To prevent
mis-operation, the turn-on (and turn-off) voltage signals ap-
plied to the ON/OFF input must have a slew rate which is
≥ 40 mV/µs.
Caution: the regulator output voltage can not be guaranteed
if a slow-moving AC (or DC) signal is applied that is in the
range between the specified turn-on and turn-off voltages
listed under the electrical specification V
ON/OFF (see Electri-
cal Characteristics).
REVERSE INPUT-OUTPUT VOLTAGE
The PNP power transistor used as the pass element in the
LP2983 has an inherent diode connected between the regu-
lator output and input. During normal operation (where the
input voltage is higher than the output) this diode is
reverse-biased.
However, if the output is pulled above the input, this diode
will turn ON and current will flow into the regulator output. In
such cases, a parasitic SCR can latch which will allow a high
current to flow into V
IN (and out the ground pin), which can
damage the part.
In any application where the output may be pulled above the
input, an external Schottky diode must be connected from
V
IN to VOUT (cathode on VIN, anode on VOUT), to limit the
reverse voltage across the LP2983 to 0.3V (see Absolute
Maximum Ratings).
C
OUT = 2.2µF
Ceramic to ESR Pin
20029120
FIGURE 1.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com