Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2983 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2983
Description  Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2983 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2983 Datasheet HTML 1Page - National Semiconductor (TI) LP2983 Datasheet HTML 2Page - National Semiconductor (TI) LP2983 Datasheet HTML 3Page - National Semiconductor (TI) LP2983 Datasheet HTML 4Page - National Semiconductor (TI) LP2983 Datasheet HTML 5Page - National Semiconductor (TI) LP2983 Datasheet HTML 6Page - National Semiconductor (TI) LP2983 Datasheet HTML 7Page - National Semiconductor (TI) LP2983 Datasheet HTML 8Page - National Semiconductor (TI) LP2983 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP2983
Micropower 150 mA Voltage Regulator in SOT-23
Package For Output Voltages
≤ 1.2V
Designed for Use with Very Low ESR Output Capacitors
General Description
The LP2983 is a 150 mA, fixed-output voltage regulator
designed to provide tight voltage regulation in applications
with output voltages
≤ 1.2V.
Using an optimized VIP(Vertically Integrated PNP) pro-
cess, the LP2983 delivers unequalled performance in all
critical specifications:
Ground Pin Current: Typically 825 µA @ 150 mA load, and
75 µA @ 1 mA load.
Enhanced Stability: The LP2983 is stable with output ca-
pacitor ESR down to zero, which allows the use of ceramic
capacitors on the output.
Smallest Possible Size: SOT-23 package uses absolute
minimum board space.
Precision Output: 1% tolerance output voltages available
(A grade).
Features
n
Guaranteed 150 mA output current
n
Smallest possible size (SOT-23 package)
n
Requires minimum external components
n
Stable with low-ESR output capacitor
n
Low ground pin current at all loads
n
Output voltage accuracy 1% (A Grade)
n
High peak current capability
n
Wide supply voltage range (16V max)
n
Low Z
OUT: 0.3Ω typical (10 Hz to 1 MHz)
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Cellular Phone
n
Palmtop/Laptop Computer
n
Personal Digital Assistant (PDA)
n
Camcorder, Personal Stereo, Camera
Block Diagram
20029101
VIPis a trademark of National Semiconductor Corporation.
October 2001
© 2001 National Semiconductor Corporation
DS200291
www.national.com


Similar Part No. - LP2983

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2983 TI1-LP2983 Datasheet
1Mb / 25P
Micropower 150-mA Voltage Regulator in SOT-23 Package
LP2983 TI2-LP2983 Datasheet
700Kb / 26P
LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
REVISED APRIL 2016
LP2983AIM5-1.0/NO.A TI2-LP2983AIM5-1.0/NO.A Datasheet
700Kb / 26P
LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
REVISED APRIL 2016
LP2983AIM5-1.0/NOPB TI1-LP2983AIM5-1.0/NOPB Datasheet
1Mb / 25P
Micropower 150-mA Voltage Regulator in SOT-23 Package
LP2983AIM5-1.0/NOPB TI2-LP2983AIM5-1.0/NOPB Datasheet
700Kb / 26P
LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
REVISED APRIL 2016
More results

Similar Description - LP2983

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2983 TI-LP2983_15 Datasheet
964Kb / 18P
LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com