Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT5802 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT5802
Description  18A Output Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT5802 Datasheet(HTML) 3 Page - Texas Instruments

  PT5802 Datasheet HTML 1Page - Texas Instruments PT5802 Datasheet HTML 2Page - Texas Instruments PT5802 Datasheet HTML 3Page - Texas Instruments PT5802 Datasheet HTML 4Page - Texas Instruments PT5802 Datasheet HTML 5Page - Texas Instruments PT5802 Datasheet HTML 6Page - Texas Instruments PT5802 Datasheet HTML 7Page - Texas Instruments PT5802 Datasheet HTML 8Page - Texas Instruments PT5802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Efficiency vs Output Current
Power Dissipation vs Output Current
Performance Data; Vin =5V (See Note A)
Output Ripple vs Output Current
PT5800 Series
18-A 5-V Input Adjustable
Integrated Switching Regulator
Pin Descriptions
Vin:
The positive supply voltage input for the module
with respect to the common ground (GND).
Vout:
This is the regulated output voltage from the mod-
ule with respect to the common ground (GND).
GND:
The common ground node to which the input,
output, and external control signals are referenced.
Sense(–):
Provides the regulator with the ability to sense
the set-point voltage directly across the load. For opti-
mum output voltage accuracy this pin should always be
connected to GND, even for applications that demand a
relatively light load.
Sense(+):
When used with Sense(–), the regulation circuitry
will compensate for voltage drop between the converter
and the load. The pin may be left open circuit, but con-
necting it to Vout will optimize load regulation.
Inhibit*:
This is an open-collector (open-drain) negative
logic input, referenced to GND. Pulling this pin to
GND disables the module’s output voltage. If Inhibit* is
left open circuit, the output will be active whenever a
valid input source is applied.
Vo Adjust:
This pin is used to trim the output voltage
over a typical range of ±15% of nominal. The adjust-
ment method uses an external resistor. The resistor is
connected from Vo Adjust to either the (-)Sense or (+)Sense,
in order to adjust the output either up or down, respec-
tively. Consult the related application note for the adjust
limits of a specific part.
Margin Dn*:
When this open-collector (open-drain) input
is asserted to GND, the output voltage is automatically
decreased by 5% from the nominal. This feature is used in
applications where the load circuit must be tested for
operation at the extreme values of its supply voltage
tolerance.
Margin Up*:
This is an open-collector (open-drain) input.
When this is asserted to GND, the output voltage is
automatically increased by 5% from the nominal.
Typical Characteristics
50
60
70
80
90
100
0
3
6
9
12
15
18
Iout (A)
PT5801
PT5802
PT5803
PT5804
PT5805
PT5806
0
10
20
30
40
50
0369
12
15
18
Iout (A)
PT5802
PT5801
PT5803
PT5804
PT5805
PT5806
0
1
2
3
4
5
6
0369
12
15
18
Iout (A)
20
30
40
50
60
70
80
90
0369
12
15
18
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
Safe Operating Curves; Vin =5V (See Note B)
SLTS171A JANUARY 2003 - REVISED - MARCH 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com