Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT5802 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT5802
Description  18A Output Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT5802 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT5802 Datasheet HTML 2Page - Texas Instruments PT5802 Datasheet HTML 3Page - Texas Instruments PT5802 Datasheet HTML 4Page - Texas Instruments PT5802 Datasheet HTML 5Page - Texas Instruments PT5802 Datasheet HTML 6Page - Texas Instruments PT5802 Datasheet HTML 7Page - Texas Instruments PT5802 Datasheet HTML 8Page - Texas Instruments PT5802 Datasheet HTML 9Page - Texas Instruments PT5802 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Table 3-1; Input/Output Capacitors
Capacitor Recommendations for the PT5800 &
PT5810 Step-Down Regulator Series
Input Capacitor:
The recommended input capacitance is determined by a
700-mA ripple current rating and the following minimum
capacitance requirements.
• PT5800 =
820µF minimum capacitance
• PT5810 = 1000µF minimum capacitance
Ripple current and <100m
Ω equivalent series resistance
(ESR) values are the major considerations, along with
temperature, when designing with different types of
capacitors. Tantalum capacitors have a recommended
minimum voltage rating of twice the maximum DC
voltage + AC ripple. This is necessary to ensure reliabil-
ity for input voltage bus applications
Output Capacitors
The ESR of the capacitors is less than 100m
Ω. Electrolytic
capacitors have marginal ripple performance at frequen-
cies greater than 400kHz, but excellent low frequency
transient response. Above the ripple frequency ceramic
capacitors are necessary. Ceramic capacitors improve the
transient response and reduce any high frequency noise
components apparent during high current excursions.
Preferred low-ESR electrolytic capacitor part numbers
are identified in Table 3-1.
PT5800/5810 Series
Tantalum Capacitors (Optional Output Capacitors)
Tantalum type capacitors can be used for the output but
only the AVX TPS series, Sprague 593D/594/595 series,
or Kemet T495/T510 series. These capacitors are rec-
ommended over many other tantalum types due to their
higher rated surge, power dissipation, and ripple current
capability. As a caution the TAJ series by AVX is not
recommended. This series has considerably higher ESR,
reduced power dissipation, and lower ripple current
capability. The TAJ series is less reliable than the AVX
TPS series when determining power dissipation capa-
bility. Tantalum or Oscon® types are recommended for
applications where ambient temperatures fall below 0°C.
Capacitor Table
Table 2-1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple current
(rms) ratings. The number of capacitors required at both
the input and output buses is identified for each capacitor
type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(Equivalent Series Resistance at 100kHz) are critical parameters
necessary to insure both optimum regulator performance and
long capacitor life.
s
e
i
r
e
S
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
Cs
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
r
r
u
C
e
l
p
p
i
R
x
a
m
)
s
m
r
(
I
C
°
5
0
1
@
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
s
u
B
t
u
p
n
Is
u
B
t
u
p
t
u
Or
e
b
m
u
N
t
r
a
P
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
)
T
M
S
(
K
F
V
0
1
V
0
1
V
0
1
V
5
3
0
0
0
1
0
6
5
0
0
0
1
0
7
4
8
6
0
.
0
Ω
0
9
0
.
0
Ω
0
8
0
0
Ω
0
6
0
.
0
Ω
A
m
0
5
0
1
A
m
5
5
7
A
m
0
5
8
A
m
0
0
1
1
0
1
× 6
1
0
1
× 5
.
2
1
0
1
× 2
.
0
1
5
.
2
1
× 5
.
3
1
1
2
1
2
1
1
1
1
2
0
1
C
1
C
F
U
E
E
1
6
5
A
1
C
F
U
E
E
P
2
0
1
A
1
K
F
V
E
E
Q
1
7
4
V
1
K
F
V
E
E
n
o
c
-
i
m
e
h
C
d
e
t
i
n
U
s
e
i
r
e
S
V
X
L
/
Z
X
L
s
e
i
r
e
S
X
F
V
6
1
V
0
1
V
0
1
0
7
4
0
0
0
1
0
8
6
0
9
0
.
0
Ω
8
6
0
.
0
Ω
5
1
0
.
0
Ω
A
m
0
6
7
A
m
0
5
0
1
A
m
5
3
7
4
0
1
× 5
.
2
1
0
1
× 6
1
0
1
× 5
.
0
1
2
1
2
1
1
1
L
L
2
1
X
0
1
M
1
7
4
B
V
6
1
Z
X
L
L
L
6
1
X
0
1
M
2
0
1
B
V
0
1
Z
X
L
M
0
8
6
X
F
0
1
n
o
c
i
h
c
i
N
s
e
i
r
e
S
M
P
/
L
P
)
T
M
S
(
s
e
i
r
e
S
X
N
V
0
1
V
6
1
V
0
1
0
0
0
1
0
6
5
0
3
3
5
6
0
.
0
Ω
0
8
0
.
0
Ω
4
2
0
.
0
Ω
A
m
0
4
0
1
A
m
0
2
9
A
m
0
7
7
3
5
.
2
1
× 5
1
5
.
2
1
× 5
1
0
1
×8
1
2
3
1
1
1
6
H
H
M
2
0
1
A
1
M
P
U
6
H
H
M
1
6
5
C
1
M
P
U
S
G
1
R
C
M
0
3
3
A
1
X
N
P
:
n
o
c
-
s
O
o
y
n
a
S
P
S
)
T
M
S
(
P
V
S
V
0
1
V
0
1
0
7
4
0
6
5
5
1
0
.
0
Ω
3
1
0
.
0
Ω
A
m
0
0
5
4
>
A
m
0
0
2
5
>
0
1
× 5
.
0
1
1
1
× 7
.
2
1
2
2
1
1
0
7
4
P
S
0
1
M
M
0
6
5
P
V
S
0
1
)
T
M
S
(
S
P
T
m
u
l
a
t
n
a
T
X
V
AV
0
1
V
0
1
0
7
4
0
7
4
5
4
0
.
0
Ω
0
6
0
.
0
Ω
A
m
3
2
7
1
A
m
6
2
8
1
L
3
.
7
× W
7
.
5
× H
1
.
4
2
2
1
1
4
0
0
R
0
1
0
M
7
7
4
E
S
P
T
5
0
6
0
0
R
0
1
0
M
7
7
4
V
S
P
T
m
u
l
a
t
n
a
T
r
e
m
y
l
o
P
t
e
m
e
K
(
s
e
i
r
e
S
0
3
5
T
/
0
2
5
TT
M
S)
V
0
1
V
0
1
0
3
3
0
3
3
0
4
0
.
0
Ω
5
1
0
.
0
Ω
A
m
0
0
8
1
A
m
0
0
8
3
>
3
.
7
× 3
.
4
×43
3
1
1
S
A
0
1
0
M
7
3
3
X
0
2
5
T
S
A
0
1
0
M
7
3
3
X
0
3
5
T
m
u
l
a
t
n
a
T
e
u
g
a
r
p
S
(
s
e
i
r
e
S
D
4
9
5T
M
S)
V
0
10
8
60
9
0
.
0
Ω
A
m
0
6
6
12
.
7
×6× 1
.
42
1
T
2
R
0
1
0
0
X
7
8
6
D
5
9
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com