Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT5802 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT5802
Description  18A Output Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT5802 Datasheet(HTML) 4 Page - Texas Instruments

  PT5802 Datasheet HTML 1Page - Texas Instruments PT5802 Datasheet HTML 2Page - Texas Instruments PT5802 Datasheet HTML 3Page - Texas Instruments PT5802 Datasheet HTML 4Page - Texas Instruments PT5802 Datasheet HTML 5Page - Texas Instruments PT5802 Datasheet HTML 6Page - Texas Instruments PT5802 Datasheet HTML 7Page - Texas Instruments PT5802 Datasheet HTML 8Page - Texas Instruments PT5802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT5800 & PT5810 Series
With the sense leads connected, the difference between
the voltage measured at Vout and GND pins, and that
measured from Sense(+) to Sense(–), is the amount of IR
drop being compensated by the regulator. This should
be limited to 0.6V. (0.3V maximum between pins 17 &
18, and also between pins 8 & 9).
Note: The remote sense feature is not designed to compensate
for the forward drop of non-linear or frequency dependent
components that may be placed in series with the converter
output. Examples include OR-ing diodes, filter inductors,
ferrite beads, and fuses. When these components are enclosed
by the remote sense connections they are effectively placed
inside the regulation control loop, which can adversely affect
the stability of the regulator.
Over-Current Protection
To protect against load faults, the regulators incorporate
output over-current protection. Applying a load that
exceeds the regulator’s over-current threshold (see data
sheet specifications) will cause the regulated output to
shut down. Following shutdown the ISR will periodically
attempt to recover by initiating a soft-start power-up.
This is often described as a “hiccup” mode of operation,
whereby the module continues in the cycle of successive
shutdown and power up until the load fault is removed.
During this period, the average current flowing into the
fault is significantly reduced. Once the fault is removed,
the converter automatically recovers and returns to nor-
mal operation.
Over-Temperature Protection
An on-board temperature sensor protects the module’s
internal circuitry against excessively high temperatures.
A rise in the internal temperature may be the result of a
drop in airflow, or a high ambient temperature. If the
internal temperature exceeds the OTP threshold (see
data sheet specifications), the regulator’s Inhibit* control
is automatically pulled low. This disables the regulator,
allowing the output voltage to drop to zero as the exter-
nal output capacitors are discharged by the load circuit.
The recovery is automatic, and begins with a soft-start
power up. It occurs when the the sensed temperature
decreases by about 10°C below the trip point.
Note: The over-temperature protection is a last resort mecha-
nism to prevent thermal stress to the regulator. Operation at
or close to the thermal shutdown temperature is not recom-
mended and will reduce the long-term reliability of the module.
Always operate the regulator within the specified Safe Operating
Area (SOA) limits for the worst-case conditions of ambient
temperature and airflow.
Differential Remote Sense
Connecting the Sense(+) and Sense(-) pins to the load
circuit allows the regulator to compensate for limited
amounts of ‘IR’ voltage drop. This voltage drop is caused
by current flowing through the connection resistance
between the regulator and the ‘point of regulation’ some
distance away. Leaving the sense pins disconnected will
not damage the regulator or load circuitry. An internal
15
Ω resistor, connected between each sense pin and its
corresponding output node, keeps the output voltage in
regulation. However, it is important to connect Sense(–)
to GND locally, as this provides a return path for the
regulator’s internal bias currents.
Operating Features and System Considerations
for the PT5800 & PT5810 Regulator Series
The PT5800 (5-V input) and the PT5810 (3.3-V input)
series of integrated switching regulators (ISRs) provide
step-down voltage conversion for output loads of up to
18A.
Power up & Soft-Start Timing
Following either the application of a valid input source
voltage, or the removal of a ground signal to the Inhihit*
control pin (with input power applied), the regulator will
initiate a soft-start power up. The soft start slows the
rate at which the output voltage rises, and also introduces a
short time delay, td (approx. 2ms). Figure 1-1 shows the
power-up characteristic of a PT5801 (3.3V) with a 10-A
load.
Vo (2V/Div)
Vin (2V/Div)
HORIZ SCALE: 5ms/Div
t
d
Figure 1-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com