Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6711 Datasheet(PDF) 67 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 63Page - Texas Instruments TMS320C6711 Datasheet HTML 64Page - Texas Instruments TMS320C6711 Datasheet HTML 65Page - Texas Instruments TMS320C6711 Datasheet HTML 66Page - Texas Instruments TMS320C6711 Datasheet HTML 67Page - Texas Instruments TMS320C6711 Datasheet HTML 68Page - Texas Instruments TMS320C6711 Datasheet HTML 69Page - Texas Instruments TMS320C6711 Datasheet HTML 70Page - Texas Instruments TMS320C6711 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
67
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and operating case
temperature† (unless otherwise noted) for C6711C/C6711D only
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output
voltage (C6711C/11D)
All signals except CLKS1 and
DR1
DVDD = MIN, IOH = MAX
2.4
V
VOL
Low-level output
lt
(C6711C/11D)
All signals except CLKS1 and
DR1
DVDD = MIN, IOL = MAX
0.4
V
VOL
voltage (C6711C/11D)
CLKS1 and DR1
DVDD = MIN, IOL = MAX
0.4
V
II
Input current
C6711C/11D: All signals except
CLKS1 and DR1
VI = VSS to DVDD
±170
uA
II
Input current
C6711C/11D: CLKS1 and DR1
VI VSS to DVDD
±10
uA
IOZ
Off-state output
current
C6711C/11D: All signals except
CLKS1 and DR1
VO = DVDD or 0 V
±170
uA
IOZ
current
C6711C/11D: CLKS1 and DR1
VO DVDD or 0 V
±10
uA
IDD2V
Core supply current‡
C6711D, CVDD = 1.4 V,
CPU clock = 250 MHz
810
mA
I
Core supply current‡
C6711C, CVDD = 1.26 V,
CPU clock = 200 MHz
560
mA
IDD2V
Core supply current‡
C6711D, CVDD = 1.26 V,
CPU clock = 200 MHz
560
mA
I
Core supply current‡
C6711C, CVDD = 1.26 V,
CPU clock = 167 MHz
475
mA
IDD2V
Core supply current‡
C6711D, CVDD = 1.26 V,
CPU clock = 167 MHz
475
mA
IDD3V
I/O supply current‡
11C/11D, DVDD = 3.3 V,
EMIF speed = 100 MHz
75
mA
Ci
Input capacitance
(C6711C/11D)
7
pF
Co
Output capacitance
(C6711C/11D)
7
pF
† For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
‡ For the C6711C/C6711D device, these currents were measured with average activity (50% high/50% low power) at 25°C case temperature and
100-MHz EMIF. This model represents a device performing high-DSP-activity operations 50% of the time, and the remainder performing
low-DSP-activity operations. The high/low-DSP-activity models are defined as follows:
High-DSP-Activity Model:
CPU: 8 instructions/cycle with 2 LDDW instructions [L1 Data Memory: 128 bits/cycle via LDDW instructions;
L1 Program Memory: 256 bits/cycle; L2/EMIF EDMA: 50% writes, 50% reads to/from SDRAM (50% bit-switching)]
McBSP: 2 channels at E1 rate
Timers: 2 timers at maximum rate
Low-DSP-Activity Model:
CPU: 2 instructions/cycle with 1 LDH instruction [L1 Data Memory: 16 bits/cycle; L1 Program Memory: 256 bits per 4 cycles;
L2/EMIF EDMA: None]
McBSP: 2 channels at E1 rate
Timers: 2 timers at maximum rate
The actual current draw is highly application-dependent. For more details on core and I/O activity, refer to the TMS320C6713/12C/11C Power
Consumption Summary
application report (literature number SPRA889).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com