Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6711 Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 69Page - Texas Instruments TMS320C6711 Datasheet HTML 70Page - Texas Instruments TMS320C6711 Datasheet HTML 71Page - Texas Instruments TMS320C6711 Datasheet HTML 72Page - Texas Instruments TMS320C6711 Datasheet HTML 73Page - Texas Instruments TMS320C6711 Datasheet HTML 74Page - Texas Instruments TMS320C6711 Datasheet HTML 75Page - Texas Instruments TMS320C6711 Datasheet HTML 76Page - Texas Instruments TMS320C6711 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
73
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
INPUT AND OUTPUT CLOCKS (CONTINUED)
switching characteristics over recommended operating conditions for CLKOUT2†‡
(see Figure 25) [C6711C/C6711D]
NO.
PARAMETER
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
1
tc(CKO2)
Cycle time, CLKOUT2
C2 − 0.8
C2 + 0.8
ns
2
tw(CKO2H)
Pulse duration, CLKOUT2 high
(C2/2) − 0.8
(C2/2) + 0.8
ns
3
tw(CKO2L)
Pulse duration, CLKOUT2 low
(C2/2) − 0.8
(C2/2) + 0.8
ns
4
tt(CKO2)
Transition time, CLKOUT2
2
ns
† The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
‡ C2 = CLKOUT2 period in ns. CLKOUT2 period is determined by the PLL controller output SYSCLK2 period, which must be set to CPU period
divide-by-2.
CLKOUT2
1
2
3
4
4
Figure 26. CLKOUT2 Timings
switching characteristics over recommended operating conditions for CLKOUT3†§
(see Figure 27) [C6711C/C6711D only]
NO.
PARAMETER
11CGDPA-167
11C−200
11DGDPA-167
11D−200
−250 (6711D)
UNIT
MIN
MAX
MIN
MAX
1
tc(CKO3)
Cycle time, CLKOUT3
C3 − 0.6
C3 + 0.6
C3 − 0.9
C3 + 0.9
ns
2
tw(CKO3H)
Pulse duration, CLKOUT3 high
(C3/2) − 0.6
(C3/2) + 0.6
(C3/2) − 0.9
(C3/2) + 0.9
ns
3
tw(CKO3L)
Pulse duration, CLKOUT3 low
(C3/2) − 0.6
(C3/2) + 0.6
(C3/2) − 0.9
(C3/2) + 0.9
ns
4
tt(CKO3)
Transition time, CLKOUT3
2
3
ns
5
td(CLKINH-CKO3V) Delay time, CLKIN high to CLKOUT3 valid
1.5
6.5
1.5
7.5
ns
† The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
‡ C3 = CLKOUT3 period in ns. CLKOUT3 period is a divide-down of the CPU clock, configurable via the RATIO field in the PLLDIV3 register.
CLKIN
CLKOUT3
NOTE A: For this example, the CLKOUT3 frequency is CLKIN divide-by-2.
3
1
2
4
4
5
5
Figure 27. CLKOUT3 Timings [C6711C/C6711D Only]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com