Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6711 Datasheet(PDF) 75 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 71Page - Texas Instruments TMS320C6711 Datasheet HTML 72Page - Texas Instruments TMS320C6711 Datasheet HTML 73Page - Texas Instruments TMS320C6711 Datasheet HTML 74Page - Texas Instruments TMS320C6711 Datasheet HTML 75Page - Texas Instruments TMS320C6711 Datasheet HTML 76Page - Texas Instruments TMS320C6711 Datasheet HTML 77Page - Texas Instruments TMS320C6711 Datasheet HTML 78Page - Texas Instruments TMS320C6711 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
75
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
ASYNCHRONOUS MEMORY TIMING
timing requirements for asynchronous memory cycles†‡§ (see Figure 30−Figure 31) [C6711]
NO
C6711−100
C6711−150
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
3
tsu(EDV-AREH)
Setup time, EDx valid before ARE high
13
9
ns
4
th(AREH-EDV)
Hold time, EDx valid after ARE high
1
1
ns
6
tsu(ARDY-EKOH)
Setup time, ARDY valid before ECLKOUT high
6
3
ns
7
th(EKOH-ARDY)
Hold time, ARDY valid after ECLKOUT high
1.7
1.7
ns
timing requirements for asynchronous memory cycles†‡§ (see Figure 30−Figure 31) [C6711B]
NO.
C6711B-100
C6711BGFNA−100
C6711B−150
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
3
tsu(EDV-AREH)
Setup time, EDx valid before ARE high
13
9
ns
4
th(AREH-EDV)
Hold time, EDx valid after ARE high
1
1
ns
6
tsu(ARDY-EKOH)
Setup time, ARDY valid before ECLKOUT high
6
3
ns
7
th(EKOH-ARDY)
Hold time, ARDY valid after ECLKOUT high
2.5
2.5
ns
timing requirements for asynchronous memory cycles†‡§ (see Figure 30−Figure 31) [11C/11D]
NO.
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
3
tsu(EDV-AREH)
Setup time, EDx valid before ARE high
6.5
ns
4
th(AREH-EDV)
Hold time, EDx valid after ARE high
1
ns
6
tsu(ARDY-EKOH)
Setup time, ARDY valid before ECLKOUT high
3
ns
7
th(EKOH-ARDY)
Hold time, ARDY valid after ECLKOUT high
2.3
ns
† To ensure data setup time, simply program the strobe width wide enough. ARDY is internally synchronized. The ARDY signal is recognized in
the cycle for which the setup and hold time is met. To use ARDY as an asynchronous input, the pulse width of the ARDY signal should be wide
enough (e.g., pulse width = 2E) to ensure setup and hold time is met.
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
§ E = ECLKOUT period in ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com