Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB43AB21 Datasheet(PDF) 39 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 35Page - Texas Instruments TSB43AB21 Datasheet HTML 36Page - Texas Instruments TSB43AB21 Datasheet HTML 37Page - Texas Instruments TSB43AB21 Datasheet HTML 38Page - Texas Instruments TSB43AB21 Datasheet HTML 39Page - Texas Instruments TSB43AB21 Datasheet HTML 40Page - Texas Instruments TSB43AB21 Datasheet HTML 41Page - Texas Instruments TSB43AB21 Datasheet HTML 42Page - Texas Instruments TSB43AB21 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
3–18
3.24 Link Enhancement Control Register
The link enhancement control register implements TI proprietary bits that are initialized by software or by a serial
EEPROM, if present. After these bits are set to 1, their functionality is enabled only if bit 22 (aPhyEnhanceEnable)
in the host controller control register at OHCI offset 50h/54h (see Section 4.16, Host Controller Control Register) is
set to 1. See Table 3–22 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Link enhancement control
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Link enhancement control
Type
R/W
R
R/W
R/W
R
R/W
R
R/W
R/W
R
R
R
R
R
R/W
R
Default
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Link enhancement control
Offset:
F4h
Type:
Read/Write, read-only
Default:
0000 1000h
Table 3–22. Link Enhancement Control Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–16
RSVD
R
Reserved. Bits 31–16 return 0s when read.
15
dis_at_pipeline
R/W
Disable AT pipelining. When bit 15 is set to 1, out-of-order AT pipelining is disabled.
14
RSVD
R
Reserved.
13–12
atx_thresh
R/W
This field sets the initial AT threshold value, which is used until the AT FIFO is underrun. When the
TSB43AB21 device retries the packet, it uses a 2K-byte threshold, resulting in a store-and-forward
operation.
00 = Threshold ~ 2K bytes resulting in a store-and-forward operation
01 = Threshold ~ 1.7K bytes (default)
10 = Threshold ~ 1K bytes
11 = Threshold ~ 512 bytes
These bits fine-tune the asynchronous transmit threshold. For most applications the 1.7K-byte
threshold is optimal. Changing this value may increase or decrease the 1394 latency depending on
the average PCI bus latency.
Setting the AT threshold to 1.7K, 1K, or 512 bytes results in data being transmitted at these thresholds
or when an entire packet has been checked into the FIFO. If the packet to be transmitted is larger than
the AT threshold, the remaining data must be received before the AT FIFO is emptied; otherwise, an
underrun condition occurs, resulting in a packet error at the receiving node. As a result, the link then
commences store-and-forward operation. Wait until it has the complete packet in the FIFO before
retransmitting it on the second attempt to ensure delivery.
An AT threshold of 2K results in store-and-forward operation, which means that asynchronous data
will not be transmitted until an end-of-packet token is received. Restated, setting the AT threshold to
2K results in only complete packets being transmitted.
Note that this device always uses store-and-forward when the asynchronous transmit retries register
at OHCI offset 08h (see Section 4.3, Asynchronous Transmit Retries Register) is cleared.
11
RSVD
R
Reserved. Bit 11 returns 0 when read.
10
enab_mpeg_ts
R/W
Enable MPEG CIP timestamp enhancement. When bit 9 is set to 1, the enhancement is enabled for
MPEG CIP transmit streams (FMT = 20h).
9
RSVD
R
Reserved. Bit 9 returns 0 when read.
8
enab_dv_ts
R/W
Enable DV CIP timestamp enhancement. When bit 8 is set to 1, the enhancement is enabled for DV
CIP transmit streams (FMT = 00h).
7
enab_unfair
R/W
Enable asynchronous priority requests. iOHCI-Lynx
 compatible. Setting bit 7 to 1 enables the link
to respond to requests with priority arbitration. It is recommended that this bit be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com