Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB43AB21 Datasheet(PDF) 21 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 17Page - Texas Instruments TSB43AB21 Datasheet HTML 18Page - Texas Instruments TSB43AB21 Datasheet HTML 19Page - Texas Instruments TSB43AB21 Datasheet HTML 20Page - Texas Instruments TSB43AB21 Datasheet HTML 21Page - Texas Instruments TSB43AB21 Datasheet HTML 22Page - Texas Instruments TSB43AB21 Datasheet HTML 23Page - Texas Instruments TSB43AB21 Datasheet HTML 24Page - Texas Instruments TSB43AB21 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
2–9
Table 2–8. Power Supply Terminals
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
AGND
109–111, 117,
126–128
Supply
Analog circuit ground terminals. These terminals must be tied together to the low-impedance
circuit board ground plane.
AVDD
1, 2, 107, 108,
120
Supply
Analog circuit power terminals. A parallel combination of high frequency decoupling capacitors
near each terminal is suggested, such as 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are separated from PLLVDD and
DVDD internal to the device to provide noise isolation. They must be tied at a low-impedance
point on the circuit board.
DGND
17, 23, 33, 44,
55, 64, 68, 75,
83, 103
Supply
Digital circuit ground terminals. These terminals must be tied together to the low-impedance
circuit board ground plane.
DVDD
15, 27, 39, 51,
59, 72, 88,
100
Supply
Digital circuit power terminals. A parallel combination of high frequency decoupling capacitors
near each DVDD terminal is suggested, such as 0.1 µF and 0.001 µF. Lower frequency 10-µF
filtering capacitors are also recommended. These supply terminals are separated from PLLVDD
and AVDD internal to the device to provide noise isolation. They must be tied at a low-impedance
point on the circuit board.
PLLGND
8
Supply
PLL circuit ground terminal. This terminal must be tied to the low-impedance circuit board
ground plane.
PLLVDD
7
Supply
PLL circuit power terminal. A parallel combination of high frequency decoupling capacitors near
the terminal is suggested, such as 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. This supply terminal is separated from DVDD and AVDD
internal to the device to provide noise isolation. It must be tied to a low-impedance point on the
circuit board.
REG18
30, 93
Supply
REG18. 1.8-V power supply for the device core. If the internal voltage regulator is enabled
(REG_EN is tied low), these terminals must be left unconnected. The internal voltage regulator
provides 1.8 V from DVDD. When the internal regulator is disabled (REG_EN is high), the
REG18 terminals can be used to supply an external 1.8-V supply to the TSB43AB21 core. It
is recommended that 0.1-
µF bypass capacitors be used and placed close to these terminals.
VDDP
20, 35, 48, 62,
78
Supply
PCI signaling clamp voltage power input. PCI signals are clamped per the PCI Local Bus
Specification. In addition, if a 5-V ROM is used, the VDDP must be connected to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com