Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB43AB21 Datasheet(PDF) 27 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 23Page - Texas Instruments TSB43AB21 Datasheet HTML 24Page - Texas Instruments TSB43AB21 Datasheet HTML 25Page - Texas Instruments TSB43AB21 Datasheet HTML 26Page - Texas Instruments TSB43AB21 Datasheet HTML 27Page - Texas Instruments TSB43AB21 Datasheet HTML 28Page - Texas Instruments TSB43AB21 Datasheet HTML 29Page - Texas Instruments TSB43AB21 Datasheet HTML 30Page - Texas Instruments TSB43AB21 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
3–6
3.6
Class Code and Revision ID Register
The class code and revision ID register categorizes the TSB43AB21 device as a serial bus controller (0Ch),
controlling an IEEE 1394 bus (00h), with an OHCI programming model (10h). Furthermore, the TI chip revision is
indicated in the least significant byte. See Table 3–5 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Class code and revision ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Class code and revision ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Class code and revision ID
Offset:
08h
Type:
Read-only
Default:
0C00 1000h
Table 3–5. Class Code and Revision ID Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–24
BASECLASS
R
Base class. This field returns 0Ch when read, which broadly classifies the function as a serial bus
controller.
23–16
SUBCLASS
R
Subclass. This field returns 00h when read, which specifically classifies the function as controlling an
IEEE 1394 serial bus.
15–8
PGMIF
R
Programming interface. This field returns 10h when read, which indicates that the programming model
is compliant with the 1394 Open Host Controller Interface Specification.
7–0
CHIPREV
R
Silicon revision. This field returns 00h when read, which indicates the silicon revision of the
TSB43AB21 device.
3.7
Latency Timer and Class Cache Line Size Register
The latency timer and class cache line size register is programmed by host BIOS to indicate system cache line size
and the latency timer associated with the TSB43AB21 device. See Table 3–6 for a complete description of the register
contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Latency timer and class cache line size
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Latency timer and class cache line size
Offset:
0Ch
Type:
Read/Write
Default:
0000h
Table 3–6. Latency Timer and Class Cache Line Size Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15–8
LATENCY_TIMER
R/W
PCI latency timer. The value in this register specifies the latency timer for the TSB43AB21 device, in
units of PCI clock cycles. When the TSB43AB21 device is a PCI bus initiator and asserts PCI_FRAME,
the latency timer begins counting from zero. If the latency timer expires before the TSB43AB21
transaction has terminated, the TSB43AB21 device terminates the transaction when its PCI_GNT is
deasserted.
7–0
CACHELINE_SZ
R/W
Cache line size. This value is used by the TSB43AB21 device during memory write and invalidate,
memory-read line, and memory-read multiple transactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com