Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA339P/F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA339P/F
Description  SEMICONDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA339P/F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA339P/F Datasheet HTML 1Page - KEC(Korea Electronics) KIA339P/F Datasheet HTML 2Page - KEC(Korea Electronics) KIA339P/F Datasheet HTML 3Page - KEC(Korea Electronics) KIA339P/F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2002. 3. 7
2/4
KIA339P/F
Revision No : 3
MAXIMUM RATINGS
(Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
±18, 36
V
Differential Input Voltage
DVIN
±18, 36
V
Common Mode Input Voltage
CMVIN
-0.3~VCC
V
Power Dissipation
KIA339P
PD
625
mW
KIA339F
280
Operating Temperature
Topr
-40~85
℃
Storage Temperature
Tstg
-55~125
℃
EQUIVALENT CIRCUIT
VCC
100
µA
+IN
Q2
Q3
Q4
Q5
Q6
Q7
Q8
OUT
-IN
Q1
3.5
µA
3.5
µA
100
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com