Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA339P/F Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA339P/F
Description  SEMICONDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA339P/F Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA339P/F Datasheet HTML 1Page - KEC(Korea Electronics) KIA339P/F Datasheet HTML 2Page - KEC(Korea Electronics) KIA339P/F Datasheet HTML 3Page - KEC(Korea Electronics) KIA339P/F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2002. 3. 7
4/4
KIA339P/F
Revision No : 3
0.6
1
CC
V
- I
SUPPLY VOLTAGE V
(V)
20
30
40
RESPONSE TIME t
(
µs)
-100
-50
10
100
0.01
OL
0.01
0.001
0.1
0.1
1
V
, V
- t
IN
I
0
SUPPLY VOLTAGE V
(V)
V
-
I
CC
0
1
10
V
- I
0
00.5
1.0
1.5
2.0
0.8
1.0
1.2
10
20
40
60
80
10
20
30
40
0
CC
SINK CURRENT I
(mA)
rsp
4.0
OUT
CC
CC
Ta=-40
C
0 C
25 C
85 C
Ta=-40 C
0 C
25 C
85 C
SINK
SINK
Ta=
85
C
25 C
0 C
-40 C
0
2.0
6.0
INPUT OVER DRIVE=5.0mV
5V DC
VOUT
IN
V
-
+
+
-
VIN
5V DC
INPUT OVER DRIVE=100mV
6.0
2.0
0
4.0
rsp
2.0
1.5
1.0
0.5
0
0
50
100
RESPONSE TIME t
(
µs)
OUT
V
rsp
rsp
OUT
IN
V
, V
- t
AMBIENT TEMPERATURE Ta ( C)
25
0
0
100
D
P
- Ta
50
75
100
125
150
175
200
300
400
500
600
700



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com