Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA339P/F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA339P/F
Description  SEMICONDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA339P/F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA339P/F Datasheet HTML 1Page - KEC(Korea Electronics) KIA339P/F Datasheet HTML 2Page - KEC(Korea Electronics) KIA339P/F Datasheet HTML 3Page - KEC(Korea Electronics) KIA339P/F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2002. 3. 7
1/4
SEMICONDUCTOR
TECHNICAL DATA
KIA339P/F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 3
QUAD VOLTAGE COMPARATORS
This device consist of for independent voltage comparators that
designed to operated from a single power supply over a wide
range of voltage. Normal operation from dual supplies are also to
be guaranteed on voltage range from 2V to 36V.
VCC is necessary at least more 1.5 volts than the input common mode
voltage. The output can be connected to other open collector outputs
to achieve Wired-OR relationship.
・Single Supply Voltage Range or Dual Supplies.
: 2VDC to 36VDC or ±18VDC
・Low Supply Current : 0.8mA (Typ.)
・Low Input Offset Voltage : ±2mV (Typ.)
・Wide Input Common Mode Voltage Range .
: 0VDC to VCC-1.5VDC
・Output Compatible With TTL, DTL, MOS and CMOS Logic System.
・The Output Can be Connected to Achieve Wired-OR.
14
8
1
7
Q
DIP-14
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
4.0 0.4
3 - 11
1.46 0.2
W
19.2 0.3
6.35 0.3
0.46 0.1
3.3 0.3
2.54
0.25+0.11/1-0.05
Q
+
_
+
_
0.6 0.3
+
_
+
_
+
_
+
_
+
_
7.9 0.4
+
_
FLP-14
L
1
7
8
14
P
D
A
0.20+0.1/-0.05
P
T
1.27
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
8.66 0.2
B2
G
H
L
D
A
B1
DIM
6.00 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PIN CONNECTION (TOP VIEW)
OUT B
OUT A
+IN A
-IN B
+IN B
-IN C
+IN C
-IN D
GND
OUT D
OUT C
VCC
-IN A
+IN D
+
-
A
B
-
+
+
-
C
D
-
+


Similar Part No. - KIA339P/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA339P KEC-KIA339P Datasheet
378Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD VOLTAGE COMPARATORS)
More results

Similar Description - KIA339P/F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
SEMICONDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com