Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW2000 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MPW2000
Description  DC/DC CONVERTER 30W, Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW2000 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MPW2000_15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MPW2000 SERIES
DC/DC CONVERTER 30W, Single & Dual Output
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:8
Page 2 of 7
®
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5V ~ 100V or Open Circuit
Converter Off
-1V ~ 1V or Short Circuit
Control Input Current (on)
Vctrl = 5.0V
---
---
5
μA
Control Input Current (off)
Vctrl = 0V
---
---
-100
μA
Control Common
Referenced to Negative Input
Standby Input Current
Nominal Vin
---
2
5
mA
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
---
±1.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max. @Full Load
---
±0.2
±0.5
%
Load Regulation
Io=50% to 100%
---
±0.3
±1.0
%
Ripple & Noise
0-20 MHz Bandwidth
---
55
80
mV P-P
Transient Recovery Time
25% Load Step Change
---
150
300
μsec
Transient Response Deviation
---
±2
±4
%
Temperature Coefficient
---
±0.01
±0.02
%/℃
Trim Up / Down Range
% of nominal output voltage
±9.0
±10.0
±11.0
%
Over Temperature Protection
Case Temperature, automatic recovery
107
112
117
℃
Over Load Protection
120
---
180
%
Short Circuit Protection
Continuous, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1500
---
---
VDC
1 Second
1800
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
1200
1500
pF
Switching Frequency
290
330
360
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
450,000
Hours
Safety Approvals
UL/cUL 60950-1 recognition (UL certificate), IEC/EN 60950-1(CB-report)
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range
(See Power Derating Curve)
Natural Convection
-40
+80
℃
Case Temperature Range
---
+105
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
RFI
Six-Sided Shielded, Metal Case
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com