Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW2000 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MPW2000
Description  DC/DC CONVERTER 30W, Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW2000 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MPW2000_15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MPW2000 SERIES
DC/DC CONVERTER 30W, Single & Dual Output
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:8
Page 3 of 7
®
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
C
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
convection
C
Derating Curve without Heatsink
Derating Curve with Heatsink
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage, rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however they may not meet all specifications listed.
4
We recommend to protect the converter by a slow blow fuse in the input supply line.
5
Other input and output voltage may be available, please contact factory.
6
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com