Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW2000 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MPW2000
Description  DC/DC CONVERTER 30W, Single & Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW2000 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MPW2000_15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW2000_15 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MPW2000 SERIES
DC/DC CONVERTER 30W, Single & Dual Output
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:8
Page 4 of 7
®
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
4
Remote On/Off
Remote On/Off
5
No Pin
+Vout
6
+Vout
Common
7
-Vout
-Vout
8
Trim
Trim
►
All dimensions in mm (inches)
►
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►
Pin pitch tolerance: ±0.25 (0.01)
Physical Characteristics
Case Size
:
50.8x40.6x10.2mm (2.0x1.6x0.4 inches)
Case Material
:
Metal With Non-Conductive Baseplate
Base Material
:
FR4 PCB (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Underplate
Weight
:
48g
Heat-sink
Physical Characteristics
Heatsink Material
:
Aluminum
Finish
:
Anodic treatment (black)
Weight
:
15g
►
The advantages of adding a heatsink are:
1. To improve heat dissipation and increase the
stability and reliability of the DC/DC converters at
high operating temperatures.
2. To increase operating temperature of the DC/DC
converter, please refer to Derating Curve.
10.16
[0.40]
10.16
[0.40]
10.16
[0.40]
[0.20]
5.08
Bottom View
1
2
4
5
6
7
8
6.0
[0.24]
10.2
[0.40]
7.6
[0.40]
10.16
5.08
[0.20]
3.6
[0.14]
[0.30]
40.6 [1.60]
55.32[2.18]Max
17.2[0.68]Max
Heat-sink
Thermal pad
Clamp
Converter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com