Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM8021 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM8021
Description  4 CHANNEL MULTIRATE 1.0-3.2 GBPS TRANSCEIVER WITH HIGH SPEED REDUNDANCY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM8021 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM8021 Datasheet HTML 1Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCM8021
®
4-CHANNEL MULTIRATE 1.0–3.2-GBPS TRANSCEIVER WITH
HIGH-SPEED REDUNDANCY
Independent Quad SerDes Application Diagram
• 4 independent transceivers supporting multiple data rates
from 1.0 Gbps to 3.2 Gbps including 1.06 Gbps, 1.25 Gbps, 2.12
Gbps, 2.488 Gbps, 2.667 Gbps, 3.125 Gbps, and 3.1875 Gbps
• Multiconfigurable to support various operating modes
• 4 Independent 1.0 to 3.2-Gbps SerDes transceivers
• IEEE 802.3ae compliant XAUI to XGMII transceiver
• XAUI-to-XAUI retiming
• Low power dissipation
• Less than 300 mW per transceiver channel including I/O
• SONET/SDH-quality jitter performance
• Less than 3 picoseconds rms jitter generation
• Exceeds SONET jitter tolerance mask
• High performance programmable Rx equalization and Tx pre-
emphasis
• Tx pre-emphasis for interoperability with CML SerDes
• Rx equalization for copper interconnects
• Enhanced test capability
• Full loopback and on-chip PRBS generator/checker
• IEEE (1149.1) JTAG
• Compact 21-mm × 21-mm BGA package
• No requirement for heat sink or airflow
2× XAUI
2× XAUI
1× XGMII/TBI
1× XGMII/TBI
2
× XENPAK
Tx
Rx
Tx
Rx
BCM8702
BCM8702
ASIC/MAC
BCM8021
BCM8021
• One device supports a variety of applications including
Gigabit Ethernet, 1× and 2× Fibre Channel, OC-48 SONET
(with/without FEC), Infiniband, 10-Gigabit Ethernet, 10-
Gigabit Fibre Channel, or others.
• Advanced 0.13-µ CMOS process technology provides
unparalleled performance while achieving the lowest possible
power consumption.
• IEEE 802.3ae 10-Gigabit Ethernet physical coding sublayer
(PCS) has a selectable 8B/10B encoding/decoding block on-
chip that can be configured to support the 10-Gbps
Attachment Unit Interface (XAUI).
• Superior jitter characteristics enable the serializing/
deserializing (SerDes) of data signals transmitted through
front panel or backplane networking equipment supporting
both primary and protection circuits.
• Drive PMD devices or backplane directly with no external
clean-up circuit required.
• Simplifies manufacturability with itegrated Built-in self-test
(BIST), high-speed and low-speed loopbacks, and
programmable PRBS generator/checker.
• Decreases complexity and reduces board space on
multichannel linecard designs.
FE A T UR E S
SU MM AR Y O F B E N E FI TS


Similar Part No. - BCM8021

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8021 BOARDCOM-BCM8021 Datasheet
158Kb / 2P
10-GbE XAUI TRANSCEIVER WITH HIGH-SPEED REDUNDANCY
BCM8021 BOARDCOM-BCM8021_06 Datasheet
158Kb / 2P
10-GbE XAUI TRANSCEIVER WITH HIGH-SPEED REDUNDANCY
More results

Similar Description - BCM8021

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8351 PMC-PM8351 Datasheet
111Kb / 2P
8-Channel 1.0-1.25 Gbps Transceiver
PM8353 PMC-PM8353 Datasheet
122Kb / 2P
4-Channel 1.0-1.25 Gbps Transceiver
logo
Broadcom Corporation.
BCM8020 BOARDCOM-BCM8020 Datasheet
126Kb / 1P
8-CHANNEL MULTIRATE 1.0-3.2-GBPS TRANSCEIVER
BCM8020 BOARDCOM-BCM8020_06 Datasheet
119Kb / 2P
EIGHT-CHANNEL MULTIRATE 1.0-3.2-GBPS TRANSCEIVER
BCM8021 BOARDCOM-BCM8021_06 Datasheet
158Kb / 2P
10-GbE XAUI TRANSCEIVER WITH HIGH-SPEED REDUNDANCY
logo
Source Photonics, Inc.
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
10 Gbps 80km DWDM Multirate XFP Transceiver
XP-MR-08-CDA SOURCE-XP-MR-08-CDA Datasheet
828Kb / 5P
10 Gbps 80km Multirate XFP Transceiver Preliminary
XP-MR-D12-CDA SOURCE-XP-MR-D12-CDA Datasheet
829Kb / 5P
10 Gbps 120km Multirate XFP Transceiver Preliminary
XP-MR-04-CDA SOURCE-XP-MR-04-CDA Datasheet
828Kb / 5P
10 Gbps 40km Multirate XFP Transceiver Preliminary
logo
M/A-COM Technology Solu...
M21050 MA-COM-M21050_17 Datasheet
839Kb / 70P
Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com