Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ29311 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29311
Description  THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29311 Datasheet(HTML) 1 Page - Texas Instruments

  BQ29311 Datasheet HTML 1Page - Texas Instruments BQ29311 Datasheet HTML 2Page - Texas Instruments BQ29311 Datasheet HTML 3Page - Texas Instruments BQ29311 Datasheet HTML 4Page - Texas Instruments BQ29311 Datasheet HTML 5Page - Texas Instruments BQ29311 Datasheet HTML 6Page - Texas Instruments BQ29311 Datasheet HTML 7Page - Texas Instruments BQ29311 Datasheet HTML 8Page - Texas Instruments BQ29311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
bq29311
SLUS487D − DECEMBER 2001 − REVISED NOVEMBER 2003
THREE AND FOURCELL LITHIUMION OR
LITHIUMPOLYMER BATTERY PROTECTION IC
FEATURES
D 3- or 4-Cell Series Protection Control
D Autonomous Overcurrent and Short Circuit
Protection
D Provides Individual Cell Voltages to Battery
Management Host
D Integrated Cell Balancing Control
D I2C Compatible User Interface Allows Access
to Battery Information
D User Control to Initiate Protection
D Integrated 3.3-V 25-mA LDO
D Programmable Shutdown and Brownout
Control
D Provides Drive for Three External FETs
D Low Supply Current of 140 µA Typical
D Programmable Threshold and Delay for
Short-Circuit Current Protection
D Provides Drive for Three External FETs
D Can Directly Interface With bq2083/5 for
Complete Battery Management Solution
APPLICATIONS
D Notebook Computer Battery Packs
D Test Equipment
DESCRIPTION
The bq29311 is a three- or four-cell lithium-ion battery
pack protection analog front end (AFE) IC that
incorporates a 3.3-V 25-mA low-dropout regulator
(LDO) and an I2C compatible interface to extract battery
parameters such as cell voltages and control output
status.
Other
parameters,
such
as
overcurrent
protection
threshold
and
delay,
can
also
be
programmed into the bq29311 to increase the flexibility
of the battery management system.
The bq29311 provides safety protection in overcurrent,
short circuit, overvoltage, and undervoltage conditions
via control from the battery management host. In
overcurrent and short-circuit conditions the bq29311
can directly activate the FET drive as a secondary
protection level. The communications interface allows
the host to control and observe the current status of the
protection, to set overcurrent and overload levels, to set
the overcurrent and overload blanking delay time,
short-circuit threshold levels, and short-circuit blanking
delay time, and to program for the VREG shutdown
voltage and brownout-detection thresholds.
Each cell is balanced by a discharge path, which is
enabled by the internal control registers accessible
through the I2C compatible interface. The maximum
current is set by an external series resistor with an
absolute maximum value of 10 mA discharge current
per cell.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC
VBAT
VC1
VC2
VC3
VC4
VC5
SR1
SR2
CNTL
GND
VCELL
VPACK
DSG
PCHG
CHG
LEDOUT
VREG
TOUT
XALERT
CLKIN
SDATA
SCLK
GND
PW PACKAGE
(TOP VIEW)
ORDERING INFORMATION
TA
−25
°C to 85°C
PACKAGED TSSOP
(PW)
bq29311PW
bq29311PWR(1)
PIN ASSIGNMENTS
(1) R suffix indicates tape and reel.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2001 − 2003, Texas Instruments Incorporated


Similar Part No. - BQ29311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29311 TI1-BQ29311 Datasheet
1Mb / 24P
FOUR-CELL LITHIUM-ION
BQ29311 TI2-BQ29311 Datasheet
487Kb / 25P
THREE- AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION IC
REVISED NOVEMBER 2003
BQ29311 TI2-BQ29311 Datasheet
618Kb / 60P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
FEBRUARY 2004
BQ29311PW TI1-BQ29311PW Datasheet
1Mb / 24P
FOUR-CELL LITHIUM-ION
BQ29311PW TI2-BQ29311PW Datasheet
487Kb / 25P
THREE- AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION IC
REVISED NOVEMBER 2003
More results

Similar Description - BQ29311

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1803 AIC-AIC1803 Datasheet
161Kb / 12P
Three-Cell Lithium-Ion Battery Protection IC
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Silicon Standard Corp.
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
Three-cell Lithium-Ion Battery Protection IC
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
Three/Four-cell Lithium-Ion Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
1-cell lithium ion/lithium polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
MM3783 MITSUMI-MM3783 Datasheet
73Kb / 7P
3 cell Lithium-ion/Lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com