Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC5801 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC5801
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC5801 Datasheet HTML 2Page - Texas Instruments CDC5801 Datasheet HTML 3Page - Texas Instruments CDC5801 Datasheet HTML 4Page - Texas Instruments CDC5801 Datasheet HTML 5Page - Texas Instruments CDC5801 Datasheet HTML 6Page - Texas Instruments CDC5801 Datasheet HTML 7Page - Texas Instruments CDC5801 Datasheet HTML 8Page - Texas Instruments CDC5801 Datasheet HTML 9Page - Texas Instruments CDC5801 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CDC5801
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS682A – OCTOBER 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VDD (see Note 1)
–0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO, at any output terminal
–0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range,VI, at any input terminal
–0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
see Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the GND terminals.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C‡
TA = 85°C
POWER RATING
DBQ
1400 mW
11 mW/
°C
740 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with
no air flow.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD (VDDP, VDDPA, VDDO)
3.0
3.3
3.6
V
High-level input voltage, VIH (CMOS)
0.7
× VDD
V
Low-level input voltage, VIL (CMOS)
0.3
× VDD
V
REFCLK low-level input voltage, VIL
0.3
× VDDREF
V
REFCLK high-level input voltage, VIH
0.7
× VDDREF
V
Input signal low voltage, VIL (STOPB, DLYCTRL, LEADLAG)
0.3
× VDDPD
V
Input signal high voltage, VIH (STOPB, DLYCTRL, LEADLAG)
0.7
× VDDPD
V
Input reference voltage for (REFCLK) (VDDREF)
1.235
VDD
V
Input reference voltage for (DLYCTRL and LEADLAG) (VDDPD)
1.235
VDD
V
High-level output current, IOH
–16
mA
Low-level output current, IOL
16
mA
Operating free-air temperature, TA
–40
85
°C
timing requirements
MIN
MAX
UNIT
Input frequency of modulation, fmod (if driven by SSC CLKIN)
33
kHz
Modulation index (nonlinear maximum 0.5%)
0.6%
Input slew rate, SR
1
4
V/ns
Input duty cycle on REFCLK
40%
60%
Input frequency on REFCLK
19
125
MHz
Allowable frequency on DLYCTRL
200
MHz
Allowable frequency on LEADLAG
400
MHz
Allowable duty cycle on DLYCTRL and LEADLAG
25%
75%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com