Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC5801 Datasheet(PDF) 10 Page - Texas Instruments

Part # CDC5801
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC5801 Datasheet HTML 6Page - Texas Instruments CDC5801 Datasheet HTML 7Page - Texas Instruments CDC5801 Datasheet HTML 8Page - Texas Instruments CDC5801 Datasheet HTML 9Page - Texas Instruments CDC5801 Datasheet HTML 10Page - Texas Instruments CDC5801 Datasheet HTML 11Page - Texas Instruments CDC5801 Datasheet HTML 12Page - Texas Instruments CDC5801 Datasheet HTML 13Page - Texas Instruments CDC5801 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CDC5801
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS682A – OCTOBER 2002
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
jitter specification over recommended operating free-air temperature range and VCC (unless
otherwise noted) (continued)
PARAMETER
CLKOUT
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
t(jitter)
(Divider mode with
phase alignment and
MULT0:1 = 00
(Divider
50.0 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
9.0
50
13
35
35
ps
hase alignment and
programmable delay
features selected. See
Figure 2.)
(Divider
ratio = 2)
62.5 MHz
Period RMS (1
Σ jitter, full frequency band)
Period p-p
Phase jitter (accumulated, 12 kHz to 20 MHz)
Cycle-to-cycle (+)
Cycle-to-cycle (–)
6.5
30
10
26
26
ps
† All typical values are at VDD = 3.3 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
t(DC)
Output duty cycle
See Figure 3
45%
55%
tr, tf
Output rise and fall times (measured at 20%–80% of
output voltage)
See Figure 5 and Figure 1
150
350
ps
† All typical values are at VDD = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com