Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC5801 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC5801
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801 Datasheet(HTML) 3 Page - Texas Instruments

  CDC5801 Datasheet HTML 1Page - Texas Instruments CDC5801 Datasheet HTML 2Page - Texas Instruments CDC5801 Datasheet HTML 3Page - Texas Instruments CDC5801 Datasheet HTML 4Page - Texas Instruments CDC5801 Datasheet HTML 5Page - Texas Instruments CDC5801 Datasheet HTML 6Page - Texas Instruments CDC5801 Datasheet HTML 7Page - Texas Instruments CDC5801 Datasheet HTML 8Page - Texas Instruments CDC5801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CDC5801
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS682A – OCTOBER 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
B
A
PLL
Phase
Aligner
VDDPD/2
PLLCLK
CLKOUT
CLKOUTB
REFCLK
φD
LEADLAG
MULT0/DIV0
MULT1/DIV1
2
PWRDWNB
P0
P1
P2
STOPB
Control Logic
Phase Aligner
Bypass MUX
DLYCTRL
Divider
Ratio
VDDREF/2
FUNCTION TABLE†
MODE
P0
P1
P2
CLKOUT/CLKOUTB
Multiplication with programmable
delay and phase alignment active‡
0
0
0
REFCLK multiplied by ratio per Table 1 selected by MULT/DIV terminals. Outputs
are delayed or advanced based on DLYCTRL and LEADLAG terminal
configuration.
Division with programmable delay
and phase alignment active ‡
0
0
1
REFCLK divided by ratio per Table 2 selected by MULT/DIV terminals. Outputs
are delayed or advanced based on DLYCTRL and LEADLAG terminal
configuration.
Multiplication only mode (phase
aligner bypassed) §
1
0
0
In this mode one can only multiply as per Table 1. Programmable delay capability
and divider capability is deactivated. PLL is running.
Test mode
1
1
0
PLL and phase aligner both bypassed. REFCLK is directly channeled to output.
Hi-Z mode
0
1
X
Hi-Z
† X = don’t care, Hi-Z = high impedance
‡ Please see Table 4 and Table 5 for explanation for the programmability and phase alignment functions.
§ In this mode the DLYCTRL and LEADLAG terminals must be strapped high or low. Lowest possible jitter is achieved in this mode, but a delay
of 200 ps to 2 ns expected typically from REFCLK to CLKOUT depending on the output frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com