Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5525-BS Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5525-BS
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525-BS Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5525-BS Datasheet HTML 6Page - Cirrus Logic CS5525-BS Datasheet HTML 7Page - Cirrus Logic CS5525-BS Datasheet HTML 8Page - Cirrus Logic CS5525-BS Datasheet HTML 9Page - Cirrus Logic CS5525-BS Datasheet HTML 10Page - Cirrus Logic CS5525-BS Datasheet HTML 11Page - Cirrus Logic CS5525-BS Datasheet HTML 12Page - Cirrus Logic CS5525-BS Datasheet HTML 13Page - Cirrus Logic CS5525-BS Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
CS5525 CS5526
10
DS202F3
System Initialization
When power to the CS5525/26 is applied, they are
held in a reset condition until their 32.768 kHz os-
cillators have started and their start-up counter-tim-
er elapses. Due to the high Q of a 32.768 kHz
crystal, the oscillators take 400-600 ms to start. The
converter’s counter-timer counts no more than
1024 oscillator clock cycles to make sure the oscil-
lator is fully stable. During this time-out period the
serial port logic is reset and the RV (Reset Valid)
bit in the configuration register is set. A reset can be
initiated at any time by writing a logic 1 to the RS
(Reset System) bit in the configuration register.
This automatically sets the RV bit until the RS bit
is written to logic 0, and the configuration register
is read. After a reset, the on-chip registers are ini-
tialized to the following states and the converters
are ready to perform conversions.
Command Operation
The CS5525/26 include a microcontroller with five
registers used to control the converter. Each regis-
ter is 24-bits in length except the 8-bit command
register (command, configuration, offset, gain, and
conversion data). After a system initialization or re-
set, the serial port is initialized to the command
mode and the converter stays in this mode until a
valid 8-bit command is received (the first 8-bits
into the serial port). Table 1 lists all the valid com-
mands. Once a valid 8-bit command (a read or a
write command word) is received and interpreted
by the command register, the serial port enters the
data mode. In data mode the next 24 serial clock
pulses shift data either into or out of the serial port
(72 serial clock pulses are needed if set-up register
is selected). See Table 2 for configuring the
CS5525/26.
XO U T
VD +
VA+
VR E F+
VR E F -
DG ND
NB V
AIN +
AIN -
SCLK
SDO
SDI
C S 5525
XIN
CPD
CS
10
Ω
+5V
Analog
S upply
0.1
µF0.1 µF
+
-
20
19
3
4
1
AG ND
213
11
14
17
18
12
5
Se rial
Data
In te rface
30 m V
F.S .
8
16
A3
15
A2
7
A1
6
A0
C S 5526
10
9
O ptional
Cloc k
S ource
32.768 ~ 100kH z
20 pF
500k
Ω
Figure 5. CS5525/26 Configured for Single Supply Bridge Measurement.
configuration register:
000040(H)
offset register:
000000(H)
gain register:
800000(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com