Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5525-BS Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5525-BS
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525-BS Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5525-BS Datasheet HTML 18Page - Cirrus Logic CS5525-BS Datasheet HTML 19Page - Cirrus Logic CS5525-BS Datasheet HTML 20Page - Cirrus Logic CS5525-BS Datasheet HTML 21Page - Cirrus Logic CS5525-BS Datasheet HTML 22Page - Cirrus Logic CS5525-BS Datasheet HTML 23Page - Cirrus Logic CS5525-BS Datasheet HTML 24Page - Cirrus Logic CS5525-BS Datasheet HTML 25Page - Cirrus Logic CS5525-BS Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
CS5525 CS5526
22
DS202F3
Digital Filter
The CS5525/26 have eight different linear phase
digital filters which set the output word rates
(OWRs) as stated in Table 2. These rates assume
that XIN is 32.768 kHz. Each of the filters has a
magnitude response similar to that shown in Figure
19. The filters are optimized to settle to full accura-
cy every conversion and yield better than 80 dB re-
jection for both 50 and 60 Hz with output word
rates at or below 15.0 Hz.
The converter’s digital filters scale with XIN. For
example with an output word rate of 15 Hz, the fil-
ter’s corner frequency is typically 12.7 Hz. If XIN
is increased to 64.536 kHz the OWR doubles and
the filter’s corner frequency moves to 25.4 Hz.
Output Coding
The CS5525/26 output data in binary format when
operating in unipolar mode and in two's comple-
ment when operating in bipolar mode.
The output conversion word is 24 bits, or three
bytes long, as shown in Table 5. The MSB is output
first followed by the rest of the data bits in descend-
ing order. For the CS5525 the last byte is composed
of bits D7-D4, which are always logic 1; D3-D2,
which are always logic 0; and bits D1-D0 which are
the two flag bits. For the CS5526 the last byte in-
cludes data bits D7-D4, D3-D2 which are always
logic 0 and the two flag bits.
The OF (Overrange Flag) bit is set to a logic 1 any
time the input signal is: 1) more positive than posi-
tive full scale, 2) more negative than zero (unipolar
mode), 3) more negative than negative full scale
(bipolar mode). It is cleared back to logic 0 when-
ever a conversion word occurs which is not over-
ranged.
The OD (Oscillation Detect) bit is set to a logic 1 any
time that an oscillatory condition is detected in the
modulator. This does not occur under normal oper-
ating conditions, but may occur whenever the input
XO UT
XIN
C S5525
C S5526
500 k
Ω
20 pF
32.768 k Hz
VA+
VD+
Figure 18. Tuning Fork Crystal Connection Diagram
Figure 19. Filter Response
(Normalized to Output Word Rate = 1)
Table 5. Data Conversion Word
Output Conversion Data CS5525 (16 bits + flags)
Output Conversion Data CS5526 (20 bits + flags)
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB 14
13
12
11
10
98765432
1
LSB
1
1110
0
OD OF
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5
D4
D3 D2 D1 D0
MSB
18
17161514
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
0
0
OD OF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com