Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5525-BS Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5525-BS
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525-BS Datasheet(HTML) 3 Page - Cirrus Logic

  CS5525-BS Datasheet HTML 1Page - Cirrus Logic CS5525-BS Datasheet HTML 2Page - Cirrus Logic CS5525-BS Datasheet HTML 3Page - Cirrus Logic CS5525-BS Datasheet HTML 4Page - Cirrus Logic CS5525-BS Datasheet HTML 5Page - Cirrus Logic CS5525-BS Datasheet HTML 6Page - Cirrus Logic CS5525-BS Datasheet HTML 7Page - Cirrus Logic CS5525-BS Datasheet HTML 8Page - Cirrus Logic CS5525-BS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
CS5525 CS5526
DS202F3
3
ANALOG CHARACTERISTICS (Continued)
Notes: 9. The minimum Full Scale Calibration Range (FSCR) is limited by the maximum allowed gain register
value (with margin). The maximum FSCR is limited by the
∆Σ modulator’s 1’s density range.
10. The maximum full scale signal can be limited by saturation of circuitry within the internal signal path.
11. All outputs unloaded. All input CMOS levels.
Parameter
Min
Typ
Max
Unit
Analog Input
Common Mode + Signal on AIN+ or AIN-
Bipolar/Unipolar Mode
NBV = -1.8 to -2.5 V
Range = 25 mV, 55 mV, or 100 mV
Range = 1 V, 2.5 V, or 5 V
NBV = AGND
Range = 25 mV, 55 mV, or 100 mV
Range = 1 V, 2.5 V, or 5 V
-0.150
NBV
1.85
0.0
-
-
-
-
0.950
VA+
2.65
VA+
V
V
V
V
Common Mode Rejection
dc
50, 60 Hz
-
-
120
120
-
-
dB
dB
Input Capacitance
-
10
-
pF
CVF Current on AIN+ or AIN-
(Note 5)
Range = 25 mV, 55 mV, or 100 mV
Range = 1 V, 2.5 V, or 5 V
-
-
100
1.2
300
-
pA
µA/V
System Calibration Specifications
Full Scale Calibration Range
Bipolar/Unipolar Mode (Note 9)
25 mV
55 mV
100 mV
1 V
2.5 V
5 V
17.5
38.5
70
0.70
1.75
3.50
-
-
-
-
-
-
32.5
71.5
105
1.30
3.25
VA+
mV
mV
mV
V
V
V
Offset Calibration Range
Bipolar/Unipolar Mode
25 mV
55 mV
100 mV
(Note 10)
1 V
2.5 V
5 V
-
-
-
-
-
-
-
-
-
-
-
-
±12.5
±27.5
±50
±0.5
±1.25
±2.50
mV
mV
mV
V
V
V
Power Supplies
DC Power Supply Currents (Normal Mode)
IA+
ID+
INBV
-
-
-
1.65
15
475
2.2
30
700
mA
µA
µA
Power Consumption
Normal Mode
(Note 11)
Low Power Mode
Standby
Sleep
-
-
-
-
9.4
4.9
1.2
500
12.7
8.5
-
-
mW
mW
mW
µW
Power Supply Rejection
dc Positive Supplies
dc NBV
-
-
95
110
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com