Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSX Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JSX
Description  Superior Metallized Polypropylene Film Capacitors ??Axial ??JSX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JSX Datasheet(HTML) 2 Page - jb Capacitors Company

  JSX_16 Datasheet HTML 1Page - jb Capacitors Company JSX_16 Datasheet HTML 2Page - jb Capacitors Company JSX_16 Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
µF
250V
µF
250V
Dissipation
OD
L
d
LL
Dissipation
OD
L
d
LL
28uF
0.0009
30
46
1.0
45
51uF
0.0013
40.5
49
1.0
45
30uF
0.001
30.5
46
1.0
45
55uF
0.0013
42
49
1.0
45
33uF
0.001
32
46
1.0
45
56uF
0.0013
42.5
49
1.0
45
36uF
0.001
33
46
1.0
45
62uF
0.0014
39.5
59
1.0
45
39uF
0.001
34.5
46
1.0
45
68uF
0.0014
41.5
59
1.0
45
41uF
0.001
35.5
46
1.0
45
75uF
0.0014
43.5
59
1.0
45
43uF
0.001
36
46
1.0
45
82uF
0.0014
45
59
1.0
45
45uF
0.001
37
46
1.0
45
91uF
0.0014
47.5
59
1.2
45
47uF
0.001
39
48
1.0
45
100uF
0.0014
49.5
59
1.2
45
50uF
0.001
40
49
1.0
45
--
--
--
--
--
--
µF
400V
µF
400V
Dissipation
OD
L
d
LL
Dissipation
OD
L
d
LL
1.0uF
0.0005
13
21
0.8
25
7.0uF
0.0005
24
31
1.0
35
1.1uF
0.0005
13.5
21
0.8
25
7.5uF
0.0005
24.5
31
1.0
35
1.2uF
0.0005
14.5
21
0.8
25
8.0uF
0.0005
22.5
36
1.0
35
1.3uF
0.0005
12.5
26
0.8
25
8.2uF
0.0005
23
36
1.0
35
1.5uF
0.0005
13.5
26
0.8
25
9.1uF
0.0005
24.5
36
1.0
35
1.6uF
0.0005
14
26
0.8
25
10uF
0.0005
25.5
36
1.0
35
1.8uF
0.0005
14.5
26
0.8
25
11uF
0.0005
27
36
1.0
35
2.0uF
0.0005
15
26
0.8
30
12uF
0.0005
27.5
36
1.0
35
2.2uF
0.0005
16
26
0.8
30
13uF
0.0005
25
46
1.0
40
2.4uF
0.0005
16.5
26
0.8
30
14uF
0.0005
26
46
1.0
40
2.5uF
0.0005
17
26
0.8
30
15uF
0.0005
26
46
1.0
40
2.7uF
0.0005
17.5
26
0.8
30
16uF
0.0005
27.5
46
1.0
40
3.0uF
0.0005
18.5
26
0.8
30
18uF
0.0005
29
46
1.0
45
3.3uF
0.0005
19
26
0.8
35
20uF
0.0005
30.5
46
1.0
45
3.5uF
0.0005
17.5
31
0.8
35
22uF
0.0009
32
46
1.0
45
3.6uF
0.0005
17.5
31
0.8
35
24uF
0.0009
33.5
46
1.0
45
3.9uF
0.0005
18
31
0.8
35
27uF
0.0009
35.5
46
1.0
45
4.0uF
0.0005
18.5
31
0.8
35
28uF
0.0009
36
46
1.0
45
4.3uF
0.0005
19
31
0.8
35
30uF
0.001
37
46
1.0
45
4.5uF
0.0005
19.5
31
0.8
35
33uF
0.001
40
49
1.0
45
4.7uF
0.0005
19.5
31
0.8
35
36uF
0.001
41.5
49
1.0
45
5.0uF
0.0005
20.5
31
1.0
35
39uF
0.001
38.5
59
1.0
45
5.1uF
0.0005
20.5
31
1.0
35
41uF
0.001
39.5
59
1.0
45
5.6uF
0.0005
22.5
31
1.0
35
43uF
0.001
40
59
1.0
45
6.0uF
0.0005
22
31
1.0
35
45uF
0.001
41
59
1.0
45
6.2uF
0.0005
22.5
31
1.0
35
47uF
0.001
43
60
1.0
45
6.8uF
0.0005
24
31
1.0
35
--
--
--
--
--
--
Superior Metallized Polypropylene Film Capacitors – Axial – JSX
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com