Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSX Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JSX
Description  Superior Metallized Polypropylene Film Capacitors ??Axial ??JSX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JSX Datasheet(HTML) 1 Page - jb Capacitors Company

  JSX_16 Datasheet HTML 1Page - jb Capacitors Company JSX_16 Datasheet HTML 2Page - jb Capacitors Company JSX_16 Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STANDARD SIZE (mm)
For 0.1uF to 1uF, please consult to our sales for size.
µF
250V
µF
250V
Dissipation
OD
L
d
LL
Dissipation
OD
L
d
LL
1.0uF
0.0005
10.5
21
0.8
25
5.1uF
0.0005
17
31
0.8
35
1.1uF
0.0005
11
21
0.8
25
5.6uF
0.0005
18
31
0.8
35
1.2uF
0.0005
12
21
0.8
25
6.0uF
0.0005
18.5
31
0.8
35
1.3uF
0.0005
12.5
21
0.8
25
6.2uF
0.0005
19
31
0.8
35
1.5uF
0.0005
13.5
21
0.8
25
6.8uF
0.0005
19.5
31
0.8
35
1.6uF
0.0005
14
21
0.8
25
7.0uF
0.0005
20
31
1.0
35
1.8uF
0.0005
14.5
21
0.8
25
7.5uF
0.0005
20.5
31
1.0
35
2.0uF
0.0005
13
26
0.8
30
8.0uF
0.0005
21
31
1.0
35
2.2uF
0.0005
14
26
0.8
30
8.2uF
0.0005
21.5
31
1.0
35
2.4uF
0.0005
14
26
0.8
30
9.1uF
0.0005
22.5
31
1.0
35
2.5uF
0.0005
14.5
26
0.8
30
10uF
0.0005
25
31
1.0
35
2.7uF
0.0005
14.5
26
0.8
30
11uF
0.0005
22
36
1.0
35
3.0uF
0.0005
15.5
26
0.8
30
12uF
0.0005
23
36
1.0
35
3.3uF
0.0005
16.5
26
0.8
35
13uF
0.0005
24
36
1.0
35
3.5uF
0.0005
16.5
26
0.8
35
14uF
0.0005
25
36
1.0
35
3.6uF
0.0005
16.5
26
0.8
35
15uF
0.0005
25.5
36
1.0
35
3.9uF
0.0005
17.5
26
0.8
35
16uF
0.0005
26.5
36
1.0
35
4.0uF
0.0005
17.5
26
0.8
35
18uF
0.0005
28
36
1.0
35
4.3uF
0.0005
18
26
0.8
35
20uF
0.0005
29.5
36
1.0
45
4.5uF
0.0005
18.5
26
0.8
35
22uF
0.0009
31.5
36
1.0
45
4.7uF
0.0005
18.5
26
0.8
35
24uF
0.0009
32
36
1.0
45
5.0uF
0.0005
17
31
0.8
35
27uF
0.0009
34
36
1.0
45
Superior Metallized Polypropylene Film Capacitors – Axial – JSX
FEATURES
Ø
Quick transient design
Ø
High Precise Capacitance ±3%, ±5%
Ø
Very Low Dielectric absorption factor
Ø
Very Low Dissipation factor
Ø
Very Low ESR
Ø
Very Low Inductance
Ø
Excellent handling of high current audio pulses
SPECIFICATIONS
Passive flammability
GB10191-88 IEC384-16
Operating temperature
-55℃~+85℃
Capacitance range
0.1~100uF
Capacitance tolerance
±3%、±5% 1KHz
Rated voltage
250V、400V、630V.DC
Withstand voltage
1.6VR 5S
Dissipation factor
≤0.0010 1KHz
Insulate the electric resistance
CR≤0.33μF, I.R≥15,000MΩ
CR>0.33μF, I.R≥5,000S
Leads Diameter
0.6、0.8、1.0、1.2 Silver-plated Copper Wire
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JSX_16

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
JSX-1000 KYCON-JSX-1000 Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
JSX-1055 KYCON-JSX-1055 Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
JSX-1055-5.9 KYCON-JSX-1055-5.9 Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
More results

Similar Description - JSX_16

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
Axial Leaded Metallized Polypropylene Film
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
Axial leaded metallized polypropylene film capacitors
logo
jb Capacitors Company
JFX JBCAPACITORS-JFX_16 Datasheet
201Kb / 3P
Premium Metallized Polypropylene Film Capacitors ??Axial
logo
Suntan Capacitors
TS04C SUNTAN-TS04C_17 Datasheet
378Kb / 1P
METALLIZED POLYPROPYLENE FILM CAPACITOR - AXIAL
TS04D SUNTAN-TS04D_17 Datasheet
143Kb / 1P
METALLIZED POLYPROPYLENE FILM CAPACITOR - AXIAL
logo
jb Capacitors Company
JSX JBCAPACITORS-JSX Datasheet
207Kb / 3P
Superior Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com