Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSX Datasheet(PDF) 3 Page - jb Capacitors Company

Part # JSX
Description  Superior Metallized Polypropylene Film Capacitors ??Axial ??JSX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JSX Datasheet(HTML) 3 Page - jb Capacitors Company

  JSX_16 Datasheet HTML 1Page - jb Capacitors Company JSX_16 Datasheet HTML 2Page - jb Capacitors Company JSX_16 Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
\
µF
630V
µF
630V
Dissipation
OD
L
d
LL
Dissipation
OD
L
d
LL
1.0uF
0.0005
14
26
0.8
25
5.0uF
0.0005
23
36
1.0
35
1.1uF
0.0005
15
26
0.8
25
5.1uF
0.0005
24
36
1.0
35
1.2uF
0.0005
16
26
0.8
25
5.6uF
0.0005
25
36
1.0
35
1.3uF
0.0005
16.5
26
0.8
25
6.0uF
0.0005
25
36
1.0
35
1.5uF
0.0005
17
26
1.0
25
6.2uF
0.0005
26
36
1.0
35
1.6uF
0.0005
18
26
1.0
25
6.8uF
0.0005
27
36
1.0
35
1.8uF
0.0005
19
26
1.0
25
7.0uF
0.0005
27.5
36
1.0
35
2.0uF
0.0005
16
31
1.0
30
7.5uF
0.0005
28
36
1.0
35
2.2uF
0.0005
17
31
1.0
30
8.0uF
0.0005
26
46
1.0
40
2.4uF
0.0005
17.5
31
1.0
30
8.2uF
0.0005
26.5
46
1.0
40
2.5uF
0.0005
18
31
1.0
30
9.1uF
0.0005
27
46
1.0
40
2.7uF
0.0005
19
31
1.0
30
10.0uF
0.0005
27.5
46
1.0
40
3.0uF
0.0005
20
31
1.0
30
11.0uF
0.0005
39
49
1.2
40
3.3uF
0.0005
20.5
31
1.0
35
12.0uF
0.0005
41
49
1.2
40
3.5uF
0.0005
21.5
31
1.0
35
13.0uF
0.0005
43
49
1.2
40
3.6uF
0.0005
22
31
1.0
35
14.0uF
0.0005
40
59
1.2
45
3.9uF
0.0005
19
36
1.0
35
15.0uF
0.0005
41
59
1.2
45
4.0uF
0.0005
20
36
1.0
35
16.0uF
0.0005
42
59
1.2
45
4.3uF
0.0005
20.5
36
1.0
35
18.0uF
0.0005
45
59
1.2
45
4.5uF
0.0005
21
36
1.0
35
20.0uF
0.0005
47
59
1.2
45
4.7uF
0.0005
22
36
1.0
35
--
--
--
--
--
--
Please visit our website to get more update data, those data & specification are subject to change without notice.
Superior Metallized Polypropylene Film Capacitors – Axial – JSX
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com