Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7513 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7513
Description  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7513 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7513 Datasheet HTML 6Page - Texas Instruments DAC7513 Datasheet HTML 7Page - Texas Instruments DAC7513 Datasheet HTML 8Page - Texas Instruments DAC7513 Datasheet HTML 9Page - Texas Instruments DAC7513 Datasheet HTML 10Page - Texas Instruments DAC7513 Datasheet HTML 11Page - Texas Instruments DAC7513 Datasheet HTML 12Page - Texas Instruments DAC7513 Datasheet HTML 13Page - Texas Instruments DAC7513 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DAC7513
10
SBAS157A
www.ti.com
ZERO-SCALE ERROR vs TEMPERATURE
–40
Temperature (
°C)
0
40
80
120
30
20
10
0
–10
–20
–30
FULL-SCALE ERROR vs TEMPERATURE
–40
Temperature (
°C)
0
40
80
120
30
20
10
0
–10
–20
–30
TYPICAL CHARACTERISTICS: VDD = +2.7V (Cont.)
At TA = +25°C and +VDD = +2.7V, unless otherwise noted.
NOTE: All references to IDD include IREF current.
I
DD HISTOGRAM
I
DD (µA)
3000
2500
2000
1500
1000
500
0
V
REF tied to VDD.
SOURCE AND SINK CURRENT CAPABILITY
0
I
SOURCE/SINK (mA)
510
15
3
2
1
0
DAC Loaded with FFF
H
DAC Loaded with 000
H
V
DD = +3V
500
400
300
200
100
0
SUPPLY CURRENT vs CODE
0
Code
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
V
REF tied to VDD.
SUPPLY CURRENT vs TEMPERATURE
–40
Temperature (
°C)
0
40
80
120
300
250
200
150
100
50
0
V
REF tied to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com