Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7513 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7513
Description  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7513 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC7513 Datasheet HTML 10Page - Texas Instruments DAC7513 Datasheet HTML 11Page - Texas Instruments DAC7513 Datasheet HTML 12Page - Texas Instruments DAC7513 Datasheet HTML 13Page - Texas Instruments DAC7513 Datasheet HTML 14Page - Texas Instruments DAC7513 Datasheet HTML 15Page - Texas Instruments DAC7513 Datasheet HTML 16Page - Texas Instruments DAC7513 Datasheet HTML 17Page - Texas Instruments DAC7513 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DAC7513
15
SBAS157A
www.ti.com
(4)
(3)
FIGURE 10. Bipolar Operation with the DAC7513.
DAC7513
V
REF
V
OUT
V
FB
R
1
10k
Ω
R
2
10k
Ω
3-Wire
Serial
Interface
V
REF
10
µF
0.1
µF
–5V
±5V
+5V
OPA703
APPLICATIONS
USING REF02 AS A POWER SUPPLY FOR THE
DAC7513
Due to the extremely low supply current required by the
DAC7513, an alternative option is to use a REF02 +5V
precision voltage reference to supply the required voltage to
the part, as shown in Figure 9. This is especially useful if the
power supply is quite noisy or if the system supply voltages
are at some value other than 5V. The REF02 will output a
steady supply voltage for the DAC7513; if the REF02 is
used, the current it needs to supply to the DAC7513 is
132
µA. This is with no load on the output of the DAC, so
when the DAC output is loaded, the REF02 also needs to
supply the current to the load. The total current required (with
a 5k
Ω load on the DAC output) is:
132
µA + (5V/5kΩ) = 1.13mA
The load regulation of the REF02 is typically 0.005%/mA,
which results in an error of 285
µV for the 1.13mA current
drawn from it; this corresponds to a 0.2LSB error.
BIPOLAR OPERATION USING THE DAC7513
The DAC7513 has been designed for single-supply operation,
but a bipolar output range is also possible using the circuit in
Figure 10 which will give an output voltage range of
±V
REF.
Rail-to-rail operation at the amplifier output is achievable using
an OPA703 as the output amplifier.
The output voltage for any input code can be calculated as
follows:
VV
DR
R
R
V
R
R
O
REF
REF
=


+


−


••
•
4096
12
1
2
1
where D represents the input code in decimal (0 to 4095).
With VREF = 5V, R1 = R2 = 10kΩ:
V
10 •D
4096
– 5V
O =


This is an output voltage range of
±5V with 000
H correspond-
ing to a –5V output and FFFH corresponding to a +5V output.
Similarly, using VREF = 2.5V, ±2.5V output voltage raw can be
achieved.
LAYOUT
A precision analog component requires careful layout, ad-
equate bypassing, and clean, well-regulated power supplies.
As the DAC7513 offers single-supply operation, it will often
be used in close proximity with digital logic, microcontrollers,
microprocessors, and digital signal processors. The more
digital logic present in the design and the higher the switching
speed, the more difficult it will be to achieve good perfor-
mance from the converter.
Due to the single ground pin of the DAC7513, all return
currents, including digital and analog return currents, must
flow through the GND pin, which would, ideally, be connected
directly to an analog ground plane. This plane would be
separate from the ground connection for the digital compo-
nents until they were connected at the power-entry point of
the system.
FIGURE 9. REF02 as Power Supply to the DAC7513.
REF02
DAC7513
3-Wire
Serial
Interface
+5V
132
µA (I
DD + IREF)
V
OUT = 0V to 5V
SYNC
SCLK
D
IN
+15
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com