Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7513 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7513
Description  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7513 Datasheet(HTML) 4 Page - Texas Instruments

  DAC7513 Datasheet HTML 1Page - Texas Instruments DAC7513 Datasheet HTML 2Page - Texas Instruments DAC7513 Datasheet HTML 3Page - Texas Instruments DAC7513 Datasheet HTML 4Page - Texas Instruments DAC7513 Datasheet HTML 5Page - Texas Instruments DAC7513 Datasheet HTML 6Page - Texas Instruments DAC7513 Datasheet HTML 7Page - Texas Instruments DAC7513 Datasheet HTML 8Page - Texas Instruments DAC7513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DAC7513
4
SBAS157A
www.ti.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (1)
Resolution
12
Bits
Relative Accuracy
±8LSB
Differential Nonlinearity
Tested Monotonic by Design
±1LSB
Zero Code Error
All Zeroes Loaded to DAC Register
+5
+20
mV
Full-Scale Error
All Ones Loaded to DAC Register
–0.15
–1.25
% of FSR
Gain Error
±1.25
% of FSR
Zero Code Error Drift
–20
µV/°C
Gain Temperature Coefficient
–5
ppm of FSR/
°C
OUTPUT CHARACTERISTICS (2)
Output Voltage Range
0VREF
V
Output Voltage Settling Time
1/4 Scale to 3/4 Scale Change
(400H to C00H)8
10
µs
RL = 2kΩ; 0pF < CL < 200pF
RL = 2kΩ; CL = 500pF
12
µs
Slew Rate
1V/
µs
Capacitive Load Stability
RL = ∞
470
pF
RL = 2kΩ
1000
pF
Code Change Glitch Impulse
1LSB Change Around Major Carry
20
nV-s
Digital Feedthrough
0.5
nV-s
DC Output Impedance
1
Ω
Short-Circuit Current
VDD = +5V
50
mA
VDD = +3V
20
mA
Power-Up Time
Coming Out of Power-Down Mode
VDD = +5V
2.5
µs
Coming Out of Power-Down Mode
VDD = +3V
5
µs
REFERENCE INPUT
Reference Current
VREF = VDD = +5V
17
25
µA
VREF = VDD = +3.6V
12
18
µA
Reference Input Range
0
VDD
V
Reference Input Impedance
300
k
Ω
LOGIC INPUTS (2)
Input Current
±1
µA
V
INL, Input Low Voltage
V
DD = +5V
0.8
V
V
INL, Input Low Voltage
V
DD = +3V
0.6
V
V
INH, Input High Voltage
V
DD = +5V
2.4
V
V
INH, Input High Voltage
V
DD = +3V
2.1
V
Pin Capacitance
3pF
POWER REQUIREMENTS
V
DD
2.7
5.5
V
I
DD (normal mode)
DAC Active and Excluding Load Current
V
DD = +3.6V to +5.5V
V
IH = VDD and VIL = GND
115
170
µA
V
DD = +2.7V to +3.6V
V
IH = VDD and VIL = GND
100
145
µA
I
DD (all power-down modes)
V
DD = +3.6V to +5.5V
V
IH = VDD and VIL = GND
0.2
1
µA
V
DD = +2.7V to +3.6V
V
IH = VDD and VIL = GND
0.05
1
µA
POWER EFFICIENCY
I
OUT/IDD
I
LOAD = 2mA, VDD = +5V
93
%
TEMPERATURE RANGE
Specified Performance
–40
+105
°C
NOTES: (1) Linearity calculated using a reduced code range of 48 to 4047; output unloaded. (2) Ensured by design and characterization, not production tested.
ELECTRICAL CHARACTERISTICS
V
DD = +2.7V to +5.5V, RL = 2kΩ to GND, and CL = 200pF to GND, unless otherwise noted.
DAC7513E, N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com