Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2770AE/T Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2770AE/T
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770AE/T Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2770AE/T Datasheet HTML 7Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 8Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 9Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 10Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 11Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 12Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 13Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 14Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DS2770
11 of 27
CURRENT-OFFSET BIAS Figure 7
MSB—Address 32
LSB—Address 33
S214 213 212 211 210 29
28
27
26
25
24
23
22
21 20
MSb
LSb
MSb
LSb
Units: 0.0625mA for internal sense resistor
1.5625
mV for external sense resistor
VOLTAGE MEASUREMENT
The DS2770 continuously measures the voltage between pins VIN and VSS with a resolution of 4.88mV
over a range of 0V to 4.992V. Measurement data is updated every 55ms and placed in the Voltage
Register in two’s complement format. Voltages above the maximum register value are reported as the
maximum value. Figure 8 shows the Voltage Register format.
VOLTAGE REGISTER FORMAT Figure 8
MSB—Address 0C
LSB—Address 0D
S29
28
27
26
25
24
23
22
21
20
XXXX
X
MSb
LSb
MSb
LSb
Units: 4.88mV
TEMPERATURE MEASUREMENT
The DS2770 uses an integrated temperature sensor to continually measure battery temperature with a
resolution of 0.125°C. Temperature measurements are updated every 55ms and placed in the Temperature
Register in two’s complement format. Figure 9 shows the Temperature Register format.
TEMPERATURE REGISTER FORMAT Figure 9
MSB—Address 18
LSB—Address 19
S29
28
27
26
25
24
23
22
21
20
XXXX
X
MSb
LSb
MSb
LSb
Units: 0.125
°C
TIMER
The DS2770 provides a general-purpose timer with a range of 1024h. The timer count is stored in the
Elapsed Time Register with a resolution of approximately 56s. The count will roll over to zero when it
reaches its maximum value and begin counting up again. Additionally, the user can write any desired
value to the register. Figure 10 shows the Elapsed Time Register format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com