Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2770AE/T Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS2770AE/T
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770AE/T Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS2770AE/T Datasheet HTML 19Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 20Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 21Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 22Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 23Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 24Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 25Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 26Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 27Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
DS2770
27 of 27
ELECTRICAL CHARACTERISTICS:
1-WIRE INTERFACE
(-20
°C to 70°C, 2.7V £ VDD £ 5.5V)
PARAMETER
SYMBOL CONDITION
MIN
TYP
MAX
UNITS NOTES
Time Slot
tSLOT
60
120
ms
Recovery Time
tREC
1
ms
Write 0 Low Time
tLOW0
60
120
ms
Write 1 Low Time
tLOW1
115
ms
Read Data Valid
tRDV
15
ms
Reset Time High
tRSTH
480
ms
Reset Time Low
tRSTL
480
960
ms
Presence Detect High
tPDH
15
60
ms
Presence Detect Low
tPDL
60
240
ms
DQ Capacitance
CDQ
25
pF
NOTES
1) All voltages are referenced to ground.
2) Self-heating due to output pin loading; sense resistor power dissipation will alter the reading from
ambient conditions.
3) Using the internal current-sense resistor.
4) Using an external current-sense resistor.
5) Typical value for tERR is at 3.6V and +25°C.
6) See Ordering Information section of data sheet to determine corresponding part number for each VCV
value.
7) This specification includes the effects of temperature on the sense resistor. The DS2770 compensates
for the internal sense resistor’s temperature coefficient of 3700ppm/°C to an accuracy of
±500ppm/°C. The DS2770 does not attempt to compensate for the characteristics of an external sense
resistor. Error terms arising from the use of an external sense resistor should be taken into account
when calculating total current measurement error.
8) Four-year data retention at +70°C.
9) ISLEEP, IACTIVE and IVCH are measured with the CCand UV pins floating.
10) VP is the greater of VDD or VCH. VOH,CC\ and VOH,UV\ test conditions: VDD = 5.5, VCH = 5.7V
11) The UV and CC pins are driven low with respect to the SNS pin. Current flow into UV or CC is
returned to SNS and therefore is not included in the current measurement.
12) Current full-scale rating limits input saturation and nonlinear conversion under high average current
signal levels of either polarity. Transient currents up to 1.5 times the current full-scale rating are
measured to specified accuracy if the RC filter formed by the internal resistors and external capacitor
at the IS1 and IS2 pins limits the average signal level to the Current Full-Scale rating.
13) This value deviates proportionally to gain error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com