Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2770AE/T Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS2770AE/T
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770AE/T Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS2770AE/T Datasheet HTML 15Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 16Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 17Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 18Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 19Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 20Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 21Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 22Page - Dallas Semiconductor DS2770AE/T Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DS2770
19 of 27
Write Data [6Ch, XX].
This command writes data to the DS2770 starting at memory address XX. The
LSb of the data to be stored at address XX can be written immediately after the MSb of the address has
been entered. Because the address is automatically incremented after the MSb of each byte written, the
LSb to be stored at address XX+1 can be written immediately after the MSb to be stored at address XX. If
the bus master continues to write beyond address FFh, the DS2770 will start over-writing at address 00h.
Writes to read-only addresses, reserved addresses, and locked EEPROM blocks are ignored. Incomplete
bytes are not written. Writes to unlocked EEPROM blocks are to shadow RAM rather than EEPROM.
See the Memory section for more details.
Copy Data [48h, XX].
This command copies the contents of shadow RAM to EEPROM for the
EEPROM block beginning with address XX (20h for block 0, 30h for block 1, and 40h for block 2). Copy
Data commands that address locked blocks are ignored. While the Copy Data command is executing, the
EEC bit in the EEPROM Register is set to 1 and writes to EEPROM addresses are ignored. Reads and
writes to non-EEPROM addresses can still occur while the copy is in progress. The Copy Data command
takes tEEC time to execute.
Recall Data [B8h, XX].
This command recalls the contents of the EEPROM block containing the first
address location found in the block to shadow RAM.
Lock [6Ah, XX].
This command locks (write-protects) blocks of EEPROM whose first memory location
is XX (20h for block 0, 30h for block 1, and 40h for block 2). The Lock bit in the EEPROM Register
must be set to 1 before the Lock command is executed. The Lock command must be the next command
issued (after the 1-Wire reset) once the Lock bit has been set. If the Lock bit is 0, the Lock command has
no effect. The Lock command is permanent; a locked block can never be written again. The Lock
command takes tEEC time to execute.
Refresh [63h].
The Refresh command restores the Status Register initialization data stored in address
location 31h to the Status Register. The Status Register is initialized directly from the EEPROM and not
from the shadow RAM.
Start Charge [B5h].
The Start Charge command is used to initiate charge through the host interface.
Stop Charge [BEh].
The Stop Charge command is used to terminate charge through the host interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com