Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2125CS Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL2125CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL2125CS Datasheet HTML 6Page - Intersil Corporation EL2125CS Datasheet HTML 7Page - Intersil Corporation EL2125CS Datasheet HTML 8Page - Intersil Corporation EL2125CS Datasheet HTML 9Page - Intersil Corporation EL2125CS Datasheet HTML 10Page - Intersil Corporation EL2125CS Datasheet HTML 11Page - Intersil Corporation EL2125CS Datasheet HTML 12Page - Intersil Corporation EL2125CS Datasheet HTML 13Page - Intersil Corporation EL2125CS Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN7045.2
April 21, 2005
FIGURE 35. OFFSET VOLTAGE vs TEMPERATURE
FIGURE 36. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 37. CMRR vs TEMPERATURE
FIGURE 38. PSRR vs TEMPERATURE
FIGURE 39. SLEW RATE vs TEMPERATURE
FIGURE 40. POSITIVE OUTPUT SWING vs TEMPERATURE
Typical Performance Curves (Continued)
0
-1
-2
-3
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS=±5V
VS=±15V
-50
0
100
150
50
DIE TEMPERATURE (°C)
-10
-15
-20
-25
-30
120
100
80
60
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS=±5V
VS=±15V
110
100
90
80
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS=±5V
VS=±15V
240
220
200
180
160
-50
0
100
150
50
DIE TEMPERATURE (°C)
VS=±5V
VS=±15V
VO=2VPP
3.9
3.7
3.6
3.5
3.8
-50
DIE TEMPERATURE (°C)
0
100
150
50
VS=±5V
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com