Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2125CS Datasheet(PDF) 13 Page - Intersil Corporation

Part # EL2125CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CS Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EL2125CS Datasheet HTML 7Page - Intersil Corporation EL2125CS Datasheet HTML 8Page - Intersil Corporation EL2125CS Datasheet HTML 9Page - Intersil Corporation EL2125CS Datasheet HTML 10Page - Intersil Corporation EL2125CS Datasheet HTML 11Page - Intersil Corporation EL2125CS Datasheet HTML 12Page - Intersil Corporation EL2125CS Datasheet HTML 13Page - Intersil Corporation EL2125CS Datasheet HTML 14Page - Intersil Corporation EL2125CS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
FN7045.2
April 21, 2005
Applications Information
Product Description
The EL2125 is an ultra-low noise, wideband monolithic
operational amplifier built on Elantec's proprietary high
speed complementary bipolar process. It features
0.83nV/
√Hz input voltage noise, 200µV offset voltage, and
73dB THD. It is intended for use in systems such as
ultrasound imaging where very small signals are needed to
be amplified. The EL2125 also has excellent DC
specifications: 200µV VOS, 22µA IB, 0.4µA IOS, and 106dB
CMRR. These specifications allow the EL2125 to be used in
DC-sensitive applications such as difference amplifiers.
Gain-Bandwidth Product
The EL2125 has a gain-bandwidth product of 800MHz at
±5V. For gains greater than 20, its closed-loop -3dB
bandwidth is approximately equal to the gain-bandwidth
product divided by the small signal gain of the circuit. For
gains less than 20, higher-order poles in the amplifier's
transfer function contribute to even higher closed-loop
bandwidths. For example, the EL2125 has a -3dB bandwidth
of 175MHz at a gain of 10 and decreases to 40MHz at gain
of 20. It is important to note that the extra bandwidth at lower
gain does not come at the expenses of stability. Even though
the EL2125 is designed for gain > 10 with external
compensation, the device can also operate at lower gain
settings. The RC network shown in Figure 50 reduces the
feedback gain at high frequency and thus maintains the
amplifier stability. R values must be less than RF divided by
9 and 1 divided by 2
πRC must be less than 400MHz.
FIGURE 50.
Choice of Feedback Resistor, RF
The feedback resistor forms a pole with the input
capacitance. As this pole becomes larger, phase margin is
reduced. This increases ringing in the time domain and
peaking in the frequency domain. Therefore, RF has some
maximum value which should not be exceeded for optimum
performance. If a large value of RF must be used, a small
capacitor in the few pF range in parallel with RF can help to
reduce this ringing and peaking at the expense of reducing
the bandwidth. Frequency response curves for various RF
values are shown the in typical performance curves section
of this data sheet.
Pin Descriptions
5-PIN SOT-23
8-PIN SO
PIN NAME
PIN FUNCTION
EQUIVALENT CIRCUIT
16
VOUT
Output
CIRCUIT 1
2
4
VS-
Supply
3
3
VINA+
Input
CIRCUIT 2
4
2
VINA-
Input
Reference Circuit 2
5
7
VS+
Supply
VOUT
VS+
VIN-
VIN+
VS+
VS-
-
+
RF
R
C
VIN
VOUT
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com