Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2125CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2125CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2125CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL2125CS Datasheet HTML 1Page - Intersil Corporation EL2125CS Datasheet HTML 2Page - Intersil Corporation EL2125CS Datasheet HTML 3Page - Intersil Corporation EL2125CS Datasheet HTML 4Page - Intersil Corporation EL2125CS Datasheet HTML 5Page - Intersil Corporation EL2125CS Datasheet HTML 6Page - Intersil Corporation EL2125CS Datasheet HTML 7Page - Intersil Corporation EL2125CS Datasheet HTML 8Page - Intersil Corporation EL2125CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN7045.2
April 21, 2005
IN
Current Noise Spectral Density
10kHz
2.4
pA/
√Hz
HD2
2nd Harmonic Distortion (Note 3)
-74
dBc
HD3
3rd Harmonic Distortion
-91
dBc
NOTES:
1. Measured by moving the supplies from ±4V to ±6V
2. Pulse test only
3. Frequency = 1MHz, VOUT = 2VP-P, into 500Ω and 5pF load
Electrical Specifications
VS = ±5V, TA = 25°C, RF = 180Ω, RG = 20Ω, RL = 500Ω unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Specifications
VS = ±15V, TA = 25°C, RF = 180Ω, RG = 20Ω, RL = 500Ω unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
VOS
Input Offset Voltage (SO8)
0.6
3
mV
Input Offset Voltage (SOT23-5)
3mV
TCVOS
Offset Voltage Temperature Coefficient
4.9
µV/°C
IB
Input Bias Current
-30
-24
µA
IOS
Input Bias Current Offset
0.4
2
µA
TCIB
Input Bias Current Temperature
Coefficient
0.08
µA/°C
CIN
Input Capacitance
2.2
pF
AVOL
Open Loop Gain
80
87
dB
PSRR
Power Supply Rejection Ratio
(Note 1)
80
97
dB
CMRR
Common Mode Rejection Ratio
at CMIR
75
105
dB
CMIR
Common Mode Input Range
-14.6
13.8
V
VOUTH
Output Voltage Swing High
No load, RF = 1kΩ
13.35
13.5
V
VOUTL
Output Voltage Swing Low
No load, RF = 1kΩ
-13.6
-13
V
VOUTH2
Output Voltage Swing High
RL = 100Ω
11
11.6
V
VOUTL2
Output Voltage Swing Low
RL = 100Ω
-10.4
-9.8
V
IOUT
Output Short Circuit Current (Note 2)
120
250
mA
IS
Supply Current
10.8
12
mA
AC PERFORMANCE - RG = 20Ω, CL = 5pF
BW
-3dB Bandwidth
220
MHz
BW ±0.1dB
±0.1dB Bandwidth
23
MHz
BW ±1dB
±1dB Bandwidth
63
MHz
Peaking
Peaking
2.5
dB
SR
Slew Rate
VOUT = 2VP-P, measured at 20% to 80%
180
225
V/µs
OS
Overshoot, 4VP-P Output Square Wave
0.6
%
tS
Settling Time to 0.1% of ±1V Pulse
38
ns
VN
Voltage Noise Spectral Density
10kHz
0.95
nV/
√Hz
EL2125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com