Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2186CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2186CS
Description  250MHz/3mA Current Mode Feedback Amp w/Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2186CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2186CS Datasheet HTML 1Page - Intersil Corporation EL2186CS Datasheet HTML 2Page - Intersil Corporation EL2186CS Datasheet HTML 3Page - Intersil Corporation EL2186CS Datasheet HTML 4Page - Intersil Corporation EL2186CS Datasheet HTML 5Page - Intersil Corporation EL2186CS Datasheet HTML 6Page - Intersil Corporation EL2186CS Datasheet HTML 7Page - Intersil Corporation EL2186CS Datasheet HTML 8Page - Intersil Corporation EL2186CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7056
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2186, EL2286
250MHz/3mA Current Mode Feedback
Amp w/Disable
The EL2186/EL2286 are single/dual
current-feedback operational
amplifiers which achieve a -3dB
bandwidth of 250MHz at a gain of +1 while consuming only
3mA of supply current per amplifier. They will operate with
dual supplies ranging from ±1.5V to ±6V, or from single
supplies ranging from +3V to +12V. The EL2186/EL2286
also include a disable/power-down feature which reduces
current consumption to 0mA while placing the amplifier
output in a high impedance state. In spite of its low supply
current, the EL2286 can output 55mA while swinging to ±4V
on ±5V supplies. The EL2186 can output 100mA with similar
output swings. These attributes make the EL2186/EL2286
excellent choices for low power and/or low voltage cable-
driver, HDSL, or RGB applications.
For Single, Dual and Quad applications without disable,
consider the EL2180 (8-Pin Single), EL2280 (8-Pin Dual) or
EL2480 (14-Pin Quad). For lower power applications where
speed is still a concern, consider the EL2170/EL2176 family
which also comes in similar Single, Dual and Quad
configurations. The EL2170/EL2176 family provides a -3dB
bandwidth of 70MHz while consuming 1mA of supply current
per amplifier.
Features
• Single (EL2186) and dual (EL2286) topologies
• 3mA supply current (per amplifier)
• 250MHz -3dB bandwidth
• Low cost
• Fast disable
• Powers down to 0mA
• Single- and dual-supply operation down to ±1.5V
• 0.05%/0.05° diff. gain/diff. phase into 150
Ω
• 1200V/µs slew rate
• Large output drive current:
-100mA (EL2186)
-55mA (EL2286)
• Also available without disable in single (EL2180), dual
(EL2280) and quad (EL2480)
• Lower power EL2170/EL2176 family also available
(1mA/70MHz) in single, dual and quad
Applications
• Low power/battery applications
• HDSL amplifiers
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters
Ordering Information
PART NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL2186CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL2186CS
-40°C to +85°C
8-Pin SOIC
MDP0027
EL2286CN
-40°C to +85°C
14-Pin PDIP
MDP0031
EL2286CS
-40°C to +85°C
14-Pin SOIC
MDP0027
Pinouts
EL2186*
(8-PIN SO, PDIP)
TOP VIEW
EL2286*
(14-PIN SO, PDIP)
TOP VIEW
*Manufactured under U.S. Patent No. 5,418,495
Data Sheet
September 26, 2001


Similar Part No. - EL2186CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2186CS ELANTEC-EL2186CS Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
More results

Similar Description - EL2186CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
250MHz/3mA Current Mode Feedback Amplifiers
November 14,2002
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
EL2480 INTERSIL-EL2480 Datasheet
381Kb / 13P
250MHz/3mA Current Mode Feedback Amplifier
May 23, 2005
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
250MHz/3mA Current Mode Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com