Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS92CK16 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92CK16
Description  3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92CK16 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS92CK16 Datasheet HTML 1Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 2Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 3Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 4Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 5Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 6Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 7Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 8Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS92CK16
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
General Description
The DS92CK16 1 to 6 Clock Buffer/Bus Transceiver is a one
to six CMOS differential clock distribution device utilizing Bus
Low Voltage Differential Signaling (BLVDS) technology. This
clock distribution device is designed for applications requir-
ing ultra low power dissipation, low noise, and high data
rates. The BLVDS side is a transceiver with a separate chan-
nel acting as a return/source clock.
The DS92CK16 accepts BLVDS (300 mV typical) differential
input levels, and translates them to 3V CMOS output levels.
An output enable pin OE , when high, forces all CLK
OUT pins
high.
The device can be used a source synchronous driver. The
selection of the source driving is controlled by the CrdCLK
IN
and DE pins. This device can be the master clock, driving the
inputs of other clock I/O pins in a multipoint environment.
Easy master/slave clock selection is achieved along a back-
plane.
Features
n Master/Slave clock selection in a backplane application
n 125 MHz operation (typical)
n 100 ps duty cycle distortion (typical)
n 50 ps channel to channel skew (typical)
n 3.3V power supply design
n Glitch-free power on at CLKI/O pins
n Low Power design (20 mA @ 3.3V static)
n Accepts small swing (300 mV typical) differential signal
levels
n Industrial temperature operating range (-40˚C to +85˚C)
n Available in 24-pin TSSOP Packaging
Function Diagram and Truth Table
Receive Mode Truth Table
INPUT
OUTPUT
OE
DE
CrdCLK
IN
(CLKI/O+)–(CLKI/O−)
CLK
OUT
HH
X
X
H
L
H
X
VID
≥ 0.07V
H
L
H
X
VID
≤ −0.07V
L
L = Low Logic State
H = High Logic State
X = Irrelevant
Z = TRI-STATE
Driver Mode Truth Table
INPUT
OUTPUT
OE
DE
CrdCLK
IN
CLK/I/O+
CLKI/O−
CLK
OUT
LL
L
L
H
L
LL
H
H
L
H
HL
L
L
H
H
HL
H
H
L
H
HH
X
Z
Z
H
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS101082-1
November 1999
© 1999 National Semiconductor Corporation
DS101082
www.national.com


Similar Part No. - DS92CK16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16 Datasheet
580Kb / 12P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Tyco Electronics
DS92CK16 MACOM-DS92CK16 Datasheet
916Kb / 17P
DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Texas Instruments
DS92CK16 TI1-DS92CK16 Datasheet
919Kb / 17P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
DS92CK16 TI2-DS92CK16 Datasheet
574Kb / 20P
DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
REVISED APRIL 2013
logo
National Semiconductor ...
DS92CK16TMTC NSC-DS92CK16TMTC Datasheet
580Kb / 12P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
More results

Similar Description - DS92CK16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
1 to 4 Clock Buffer
Revision 091200
logo
National Semiconductor ...
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
3.3V B/LVDS-BLVDS Buffer
logo
Pericom Semiconductor C...
PI90LVB16 PERICOM-PI90LVB16 Datasheet
470Kb / 12P
3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver
logo
Integrated Device Techn...
MPC905 IDT-MPC905 Datasheet
381Kb / 7P
1:6 PCI Clock Generator/Fanout Buffer
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16_06 Datasheet
580Kb / 12P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
logo
Tyco Electronics
DS92CK16TMTCX MACOM-DS92CK16TMTCX Datasheet
916Kb / 17P
DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Texas Instruments
DS92CK16 TI1-DS92CK16_14 Datasheet
919Kb / 17P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
2.5V LVDS 1:6 Clock Buffer Terabuffer
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
2.5V LVDS, 1:6 Clock Buffer Terabuffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com