Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2002DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # GTL2002DP
Description  2-bit bi-directional low voltage translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2002DP Datasheet(HTML) 5 Page - NXP Semiconductors

  GTL2002DP Datasheet HTML 1Page - NXP Semiconductors GTL2002DP Datasheet HTML 2Page - NXP Semiconductors GTL2002DP Datasheet HTML 3Page - NXP Semiconductors GTL2002DP Datasheet HTML 4Page - NXP Semiconductors GTL2002DP Datasheet HTML 5Page - NXP Semiconductors GTL2002DP Datasheet HTML 6Page - NXP Semiconductors GTL2002DP Datasheet HTML 7Page - NXP Semiconductors GTL2002DP Datasheet HTML 8Page - NXP Semiconductors GTL2002DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
Product data sheet
GTL2002
2-bit bi-directional low voltage translator
2004 Sep 29
5
Uni-directional down translation
For uni-directional clamping, higher voltage to lower voltage, the GREF input must be connected to DREF and both pins pulled to the higher side
VCC through a pull-up resistor (typically 200 kΩ). A filter capacitor on DREF is recommended. Pull-up resistors are required if the chipset I/O are
open drain. The opposite side of the reference transistor (SREF) is connected to the processor core supply voltage. When DREF is connected
through a 200 k
Ω resistor to a 3.3 V to 5.5 V VCC supply and SREF is set between 1.0 V to VCC – 1.5 V, the output of each Sn has a maximum
output voltage equal to SREF.
1.8 V
200 k
Ω
GND
GREF
DREF
SREF
S1
S2
D1
D2
1.5 V
1.2 V
1.0 V
SA00643
GTL2002
VCORE
CPU I/O
CHIPSET I/O
TOTEM POLE I/O
TYPICAL UNI-DIRECTIONAL – HIGH TO LOW VOLTAGE TRANSLATION
5 V
VCC
EASY MIGRATION TO
LOWER VOLTAGE AS PRO-
CESSOR GEOMETRY
SHRINKS.
Figure 5. Uni-directional down translation, to protect low voltage processor pins
Uni-directional up translation
For uni-directional up translation, lower voltage to higher voltage, the reference transistor is connected the same as for a down translation.
A pull-up resistor is required on the higher voltage side (Dn or Sn) to get the full HIGH level, since the GTL–TVC device will only pass the
reference source (SREF) voltage as a HIGH when doing an up translation. The driver on the lower voltage side only needs pull-up resistors if it is
open drain.
1.8 V
200 k
Ω
GND
GREF
DREF
SREF
S1
S2
D1
D2
1.5 V
1.2 V
1.0 V
SA00644
GTL2002
VCORE
CPU I/O
CHIPSET I/O
TOTEM POLE I/O
OR OPEN DRAIN
TYPICAL UNI-DIRECTIONAL – LOW TO HIGH VOLTAGE TRANSLATION
5 V
VCC
EASY MIGRATION TO
LOWER VOLTAGE AS PRO-
CESSOR GEOMETRY
SHRINKS.
Figure 6. Uni-directional up translation, to higher voltage chip sets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com