Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2002DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # GTL2002DP
Description  2-bit bi-directional low voltage translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2002DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button GTL2002DP Datasheet HTML 4Page - NXP Semiconductors GTL2002DP Datasheet HTML 5Page - NXP Semiconductors GTL2002DP Datasheet HTML 6Page - NXP Semiconductors GTL2002DP Datasheet HTML 7Page - NXP Semiconductors GTL2002DP Datasheet HTML 8Page - NXP Semiconductors GTL2002DP Datasheet HTML 9Page - NXP Semiconductors GTL2002DP Datasheet HTML 10Page - NXP Semiconductors GTL2002DP Datasheet HTML 11Page - NXP Semiconductors GTL2002DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product data sheet
GTL2002
2-bit bi-directional low voltage translator
2004 Sep 29
8
AC CHARACTERISTICS FOR TRANSLATOR TYPE APPLICATIONS
VREF = 1.365 V to 1.635 V; VDD1 = 3.0 V to 3.6 V; VDD2 = 2.36 V to 2.64 V; GND = 0 V; tr = tf ≤ 3.0 ns. Refer to the Test Circuit diagram.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = –40 °C to +85 °C
UNIT
MIN
TYP1
MAX
tPLH2
Propagation delay
Sn to Dn; Dn to Sn
0.5
1.5
5.5
ns
NOTES:
1. All typical values are measured at VDD1 = 3.3 V, VDD2 = 2.5 V, VREF = 1.5 V and Tamb = 25 °C.
2. Propagation delay guaranteed by characterization.
3. CON(max) of 30 pF and a COFF(max) of 15 pF is guaranteed by design.
AC WAVEFORMS
VM = 1.5 V; VIN = GND to 3.0 V
INPUT
tPHL
tPLH
VM
VM
VM
VM
TEST JIG OUTPUT
HIGH-to-LOW
LOW-to-HIGH
VM
VM
DUT OUTPUT
HIGH-to-LOW
LOW-to-HIGH
VI
GND
VDD2
VOL
VDD2
VOL
00
tPHL
1
tPLH
1
tPHL
tPLH
SA00659
Waveform 1. The Input (Sn) to Output (Dn) propagation delays
TEST CIRCUIT
VREF
S1
S2
DREF
D1
D2
GREF
SA00646
PULSE
GENERATOR
DUT
SREF
VDD1
VDD2
VDD2
VDD2
200 k
Ω
150
Ω
TEST
JIG
150
Ω
150
Ω
Waveform 2. Load circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com