Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2002DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2002DP
Description  2-bit bi-directional low voltage translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2002DP Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2002DP Datasheet HTML 1Page - NXP Semiconductors GTL2002DP Datasheet HTML 2Page - NXP Semiconductors GTL2002DP Datasheet HTML 3Page - NXP Semiconductors GTL2002DP Datasheet HTML 4Page - NXP Semiconductors GTL2002DP Datasheet HTML 5Page - NXP Semiconductors GTL2002DP Datasheet HTML 6Page - NXP Semiconductors GTL2002DP Datasheet HTML 7Page - NXP Semiconductors GTL2002DP Datasheet HTML 8Page - NXP Semiconductors GTL2002DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product data sheet
GTL2002
2-bit bi-directional low voltage translator
2
2004 Sep 29
FEATURES
2-bit bi-directional low voltage translator
Allows voltage level translation between 1.0 V, 1.2 V, 1.5 V, 1.8 V,
2.5 V, 3.3 V, and 5 V buses which allows direct interface with GTL,
GTL+, LVTTL/TTL and 5 V CMOS levels
Provides bi-directional voltage translation with no direction pin
Low 6.5 Ω RDS
ON resistance between input and output pins
(Sn/Dn)
Supports hot insertion
No power supply required - Will not latch up
5 V tolerant inputs
Low stand-by current
Flow-through pinout for ease of printed circuit board trace routing
ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115, and 1000 V per JESD22-C101
Packages offered: SO8, TSSOP8 (MSOP8), VSSOP8
APPLICATIONS
Any application that requires bi-directional or unidirectional
voltage level translation from any voltage between 1.0 V and 5.0 V
to any voltage between 1.0 V and 5.0 V
The open drain construction with no direction pin is ideal for
bi-directional low voltage (e.g., 1.0 V, 1.2 V, 1.5 V, or 1.8 V)
processor I2C port translation to the normal 3.3 V or 5.0 V I2C-bus
signal levels or GTL/GTL+ translation to LVTTL/TTL signal levels.
DESCRIPTION
The Gunning Transceiver Logic — Transceiver Voltage Clamps
(GTL–TVC) provide high-speed voltage translation with low
ON-state resistance and minimal propagation delay. The GTL2002
provides 2 NMOS pass transistors (Sn and Dn) with a common gate
(GREF) and a reference transistor (SREF and DREF). The device
allows bi-directional voltage translations between 1.0 V and 5.0 V
without use of a direction pin.
When the Sn or Dn port is LOW the clamp is in the ON-state and a
low resistance connection exists between the Sn and Dn ports.
Assuming the higher voltage is on the Dn port, when the Dn port is
high, the voltage on the Sn port is limited to the voltage set by the
reference transistor (SREF). When the Sn port is high, the Dn port is
pulled to VCC by the pull up resistors. This functionality allows a
seamless translation between higher and lower voltages selected by
the user, without the need for directional control.
All transistors have the same electrical characteristics and there is
minimal deviation from one output to another in voltage or
propagation delay. This is a benefit over discrete transistor voltage
translation solutions, since the fabrication of the transistors is
symmetrical. Because all transistors in the device are identical,
SREF and DREF can be located on any of the other two matched
Sn/Dn transistors, allowing for easier board layout. The translator’s
transistors provides excellent ESD protection to lower voltage
devices and at the same time protect less ESD resistant devices.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DWG NUMBER
8-Pin Plastic SO
–40
°C to +85 °C
GTL2002D
GTL2002
SOT96–1
8-Pin Plastic TSSOP (MSOP)
–40
°C to +85 °C
GTL2002DP
2002
SOT505–1
8-Pin Plastic VSSOP
–40
°C to +85 °C
GTL2002DC
2002
SOT765–1
Standard packing quantities and other packaging data is available at www.standardproducts.philips.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com