Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8302 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8302
Description  LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8302 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8302 Datasheet HTML 1Page - Integrated Circuit Systems ICS8302 Datasheet HTML 2Page - Integrated Circuit Systems ICS8302 Datasheet HTML 3Page - Integrated Circuit Systems ICS8302 Datasheet HTML 4Page - Integrated Circuit Systems ICS8302 Datasheet HTML 5Page - Integrated Circuit Systems ICS8302 Datasheet HTML 6Page - Integrated Circuit Systems ICS8302 Datasheet HTML 7Page - Integrated Circuit Systems ICS8302 Datasheet HTML 8Page - Integrated Circuit Systems ICS8302 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
8302AM
www.icst.com/products/hiperclocks.html
REV. C JUNE 15, 2004
1
Integrated
Circuit
Systems, Inc.
ICS8302
LOW SKEW, 1-TO-2
LVCMOS / LVTTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8302 is a low skew, 1-to-2 LVCMOS
F anout Buff er and a member of the
HiPerClock S™ family of High Perfor mance
Clock Solutions from ICS. The ICS8302 has a
single ended clock input. The single ended clock
input accepts LVCMOS or LVTTL input levels. The ICS8302
features a pair of LVCMOS/LVTTL outputs. The ICS8302 is
characterized at full 3.3V for input V
DD, and mixed 3.3V and
2.5V for output operating supply modes (V
DDO). Guaran-
teed output and par t-to-par t skew character istics make
the ICS8302 ideal for clock distribution applications demand-
ing well defined performance and repeatibility.
FEATURES
• 2 LVCMOS / LVTTL outputs
• LVCMOS / LVTTL clock input accepts LVCMOS
or LVTTL input levels
• Maximum output frequency: 200MHz
• Output skew: 25ps (typical)
• Part-to-part skew: 250ps (typical)
• Small 8 lead SOIC package saves board space
• Full 3.3V or 3.3V core, 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Lead-Free package available
• Industrial temperature information available upon request
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS8302
8-Lead SOIC
3.8mm x 4.8mm, x 1.47mm package body
M Package
Top View
VDDO
VDD
CLK
GND
1
2
3
4
Q0
Q1
CLK
HiPerClockS™
ICS
Q0
GND
VDDO
Q1
8
7
6
5


Similar Part No. - ICS8302

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302-01 ICST-ICS8302-01 Datasheet
78Kb / 8P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
REV. A DECEMBER 10, 2002
ICS83021AMI ICST-ICS83021AMI Datasheet
158Kb / 11P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
REV. B JUNE 30, 2004
ICS83021AMI ICST-ICS83021AMI Datasheet
160Kb / 12P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
ICS83021AMILF ICST-ICS83021AMILF Datasheet
160Kb / 12P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
ICS83021AMILFT ICST-ICS83021AMILFT Datasheet
160Kb / 12P
2.5V, 3.3V DIFFERENTIAL-TO-LVCMOS/LVTTL TRANSLATOR
More results

Similar Description - ICS8302

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01 Datasheet
694Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. A February 20, 2009
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8302I RENESAS-8302I Datasheet
250Kb / 11P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com