Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIF_C Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIF_C
Description  NPIF Flat Wire Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIF_C Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIF_C Datasheet HTML 1Page - NIC-Components Corp. NPIF_C Datasheet HTML 2Page - NIC-Components Corp. NPIF_C Datasheet HTML 3Page - NIC-Components Corp. NPIF_C Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIF__C Series
NPIF Flat Wire Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 125 (12.9 x 12.9 x 5.7mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPIF125CR35YUTRF
0.35 ± 30%
1.8
18.5
100KHz
NPIF125CR80YUTRF
0.80 ± 30%
2.5
16.5
NPIF125C1R0MHTRF
1.0 ± 20%
2.5
16.5
NPIF125C1R4MUTRF
1.4 ± 20%
3.4
15.5
NPIF125C1R5MTRF
1.5 ± 20%
2.5
14.0
NPIF125C1R8MHTRF
1.8 ± 20%
3.4
15.3
NPIF125C2R2MUTRF
2.2 ± 20%
5.4
12.5
NPIF125C2R5MTRF
2.5 ± 20%
3.4
10.0
NPIF125C2R8MHTRF
2.8 ± 20%
5.4
12.3
NPIF125C3R2MUTRF
3.2 ± 20%
8.0
9.9
NPIF125C4R0MTRF
4.0 ± 20%
8.0
8.3
NPIF125C4R0MHTRF
4.0 ± 20%
8.0
9.9
NPIF125C4R3MUTRF
4.3 ± 20%
11.4
8.2
NPIF125C5R6MHTRF
5.6 ± 20%
11.4
8.2
NPIF125C5R6MUTRF
5.6 ± 20%
13.5
7.6
NPIF125C6R0MTRF
6.0 ± 20%
8.0
6.7
NPIF125C7R2MHTRF
7.2 ± 20%
13.5
7.6
NPIF125C8R2MTRF
8.2 ± 20%
11.4
5.8
NPIF125C100MTRF
10 ± 20%
13.5
5.0
Part Number
STANDARD VALUES - CASE SIZE 134 (13.9 x 13.9 x 5.0mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPIF134CR30YHTRF
0.30 ± 30%
1.9
18.5
100KHz
NPIF134CR40YTRF
0.40 ± 30%
1.9
18.5
NPIF134CR66MHTRF
0.66 ± 20%
2.5
17.0
NPIF134CR90MTRF
0.90 ± 20%
2.5
17.0
NPIF134C1R2MHTRF
1.2 ± 20%
3.7
15.0
NPIF134C1R6MTRF
1.6 ± 20%
3.7
15.0
NPIF134C1R8MHTRF
1.8 ± 20%
6.6
10.5
NPIF134C2R5MTRF
2.5 ± 20%
6.6
10.5
NPIF134C2R7MHTRF
2.7 ± 20%
10.8
8.0
NPIF134C3R6MTRF
3.6 ± 20%
10.8
8.0
NPIF134C3R6MHTRF
3.6 ± 20%
12.0
7.5
NPIF134C4R8MTRF
4.8 ± 20%
12.0
7.5
NPIF134C4R8MHTRF
4.8 ± 20%
16.3
7.0
NPIF134C6R0MHTRF
6.0 ± 20%
18.4
6.5
NPIF134C6R4MTRF
6.4 ± 20%
16.3
7.0
NPIF134C8R0MTRF
8.0 ± 20%
18.4
6.5
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com